Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6442 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6442
Description  37- 40 GHz, 1W Linear Power Amplifier in SMT Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6442 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6442 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6442 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Table 3. Thermal Properties
Parameter
Test Conditions
Value
Channel Temperature, Tch
Tch=150 °C
Thermal Resistance [1]
(Channel-to-Base Plate),
qch-bs
Ambient operational temperature TA = 25°C
Channel-to-backside Thermal Resistance Tchannel(Tc)=34°C
Thermal Resistance at backside temperature Tb=25°C
qJC = 17 °C/W
Note:
1. Assume AnPb soldering to an evaluation RF module at 90.5 °C base plate temperatures.
Absolute Minimum and Maximum Ratings
Table 4. Minimum and Maximum Ratings [1]
Description Pin
Min.
Max.
Unit
Comments
Drain Supply Voltage, Vd [2]
5.5
V
Gate Supply Voltage, Vg
-2
0
Power Dissipation, Pd [2,3]
6
CW Input Power, Pin [2]
20
dBm
CW
Channel Temperature [4,5]
+150
°C
Storage Temperature
-65
+155
°C
Maximum Assembly Temperature
+260
°C
30 second maximum
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device.
2. Combinations of supply voltage, drain current, input power, and output power shall not exceed PD.
3. These ratings apply to each individual FET
4. The operating channel temperature will directly affect the device MTTF. For maximum life, it is recommended that junction temperatures be
maintained at the lowest possible levels.


Similar Part No. - AMMP-6442

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442-BLKG AVAGO-AMMP-6442-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
AMMP-6442-TR1G AVAGO-AMMP-6442-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
AMMP-6442-TR2G AVAGO-AMMP-6442-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
More results

Similar Description - AMMP-6442

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
   37 - 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6442 AVAGO-AMMC-6442 Datasheet
452Kb / 8P
   37 - 40 GHz 1W Power Amplifier
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542_15 Datasheet
1Mb / 13P
   37 to 40 GHz 1W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
TriQuint Semiconductor
TGA4538 TRIQUINT-TGA4538_15 Datasheet
508Kb / 17P
   37 to 40 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
   37-40 GHz GaAs MMIC Power Amplifier
logo
Broadcom Corporation.
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com