Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1EAE1200 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # MA1EAE1200
Description  MotionGrade M23 and M40 Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MA1EAE1200 Datasheet(HTML) 5 Page - Amphenol Corporation

  MA1EAE1200 Datasheet HTML 1Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 2Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 3Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 4Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 5Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 6Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 7Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 8Page - Amphenol Corporation MA1EAE1200 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4
www.sineco.com
M23 and M40
Connectors & Cables
12pos E Type (CW)
16pos E Type (CW)
17pos E Type (CW)
12pos P Type (CCW)
16pos P Type (CCW)
17pos P Type (CCW)
11
10
9
8
7
6
5
4
3
2
12
16
15
14
13
17
E
1
2
3
4
5
6
7
8 9
10
11
12
E
1
1
E
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
P
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
9
12
11
10
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
P
1
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1LAE1200
MA1LAP1200
MA1LAE1600
MA1LAP1600
MA1LAE1700
MA1LAP1700
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1RAE1201
MA1RAP1201
MA1RAP1601
MA1RAP1601
MA1RAE1701
MA1RAP1701
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1JAE1200
MA1JAP1200
MA1JAE1600
MA1JAP1600
MA1JAE1700
MA1JAP1700
M23 Signal Solutions - A Series
Plugs (Less contacts)
Straight Receptacles (Less contacts)
Rotatable 90° Plugs (Less contacts)
M23 A Series (Face view: CW - clockwise, CCW - counter clockwise)
Rotatable 90° Receptacles (Less contacts)
Extensions (Less contacts)
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1CAE1200
MA1CAP1200
MA1CAE1600
MA1CAP1600
MA1CAE1700
MA1CAP1700
PART NUMBER
PART NUMBER
SC000035
SC000013
SC000044
CONTACT SIZE
CONTACT SIZE
1.0mm
1.0mm
1.0mm
TYPE
TYPE
Machined
RockSolid
Slit Machined
CRIMP BARREL (MAX)
CRIMP BARREL (MAX)
1.0mm2 (18 GA)
1.0mm2 (18 GA)
1.0mm2 (18 GA)
EXTRACTION TOOL
EXTRACTION TOOL
50-54931-1
50-54931-1
50-54931-1
28.2mm
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
27.9mm
Ø25.2mm
Pins
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
TYPE
12E
12P
16E
16P
17E
17P
P/N
MA1EAE1200
MA1EAP1200
MA1EAE1600
MA1EAP1600
MA1EAE1700
MA1EAP1700
53.9mm
15mm
30.5mm
25.8mm
41.5 mm
25.2 mm
52 mm
19.8 mm
19.8 mm
20 mm
M2.5 mm
26mm
27.5mm
25.6mm
25.6mm
Mounting
Holes
Mounting
Holes
Plugs, Receptacles & Extensions accept Pins or Sockets
For information on RockSolid, please refer to page 2
Sockets
Contact Size Legend
2.0mm
1.0mm


Similar Part No. - MA1EAE1200

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA1 TIMOTION-MA1 Datasheet
904Kb / 10P
   Max. load ACME screw: 8,000N (push/pull)
20230919-H
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Altech corporation
MA1.0U ALTECH-MA1.0U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
MA1.6U ALTECH-MA1.6U Datasheet
222Kb / 3P
   Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Lumins Inc.
MA10 LUMINIS-MA10 Datasheet
1Mb / 4P
   MA10 Pole mount
More results

Similar Description - MA1EAE1200

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
M23-CIRCULAR HARTING-M23-CIRCULAR Datasheet
1Mb / 14P
   M23 Circular Connectors Selection Guide
logo
Alpha Wire
ER1900127 ALPHAWIRE-ER1900127 Datasheet
166Kb / 2P
   M23 Female
ER1200126 ALPHAWIRE-ER1200126 Datasheet
158Kb / 2P
   M23 Female
logo
FIBOX Enclosing innovat...
8818223 FIBOX-8818223 Datasheet
37Kb / 1P
   GVPPA M40
17.08.2023
logo
Alpha Wire
FW12EW126 ALPHAWIRE-FW12EW126 Datasheet
179Kb / 2P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1035117 PHOENIX-1035117 Datasheet
230Kb / 5P
   M23-Z0001 - Screw
logo
Alpha Wire
FW19EW127 ALPHAWIRE-FW19EW127 Datasheet
215Kb / 3P
   M23 Male 90 Degree to M23 Female 90 Degree
logo
PHOENIX CONTACT
1692844 PHOENIX-1692844 Datasheet
178Kb / 6P
   SACB-8/16-M23
logo
Alpha Wire
EW1900127 ALPHAWIRE-EW1900127 Datasheet
176Kb / 2P
   M23 Female 90 Degree
logo
PHOENIX CONTACT
1692831 PHOENIX-1692831 Datasheet
171Kb / 6P
   SACB-8/ 8-M23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com