Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDM-0980-CMOUNT-TO3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LDM-0980-CMOUNT-TO3
Description  Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-0980-CMOUNT-TO3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LDM-0980-CMOUNT-TO3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LDM-0980-CMOUNT-TO3 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LDM-0980-CMOUNT-TO3 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LDM-0980 Series
TECHNICAL DATA
C-mount / TO-3
High Power Infrared Laser Diode
Features
• CW Output Power: 0.3 W, 0.5 W, 1.0 W,
2.0 W
• Variety of Emitting Area
• High-efficiency Quantum Well Structure
• TO Package or C-Mount
Applications
• Pumping
• Medical Usage
• Infrared Sources for Night
Viewing
• Information Recognition
Specifications (25°C)
Type
LDM-0980-300m-x2
LDM-0980-500m-x2
CW Output Power (W)
0.3
0.5
Peak Wavelength Δ (nm)
975±15
975±15
Spectral Width Δλ (nm)
≤2.5
≤2.5
Threshold Current (A)
≤0.15
≤0.15
Operation Current (A)
≤0.55
≤0.70
Operation Voltage (V)
≤2.0
≤2.0
Slope Efficiency (W/A)
≥0.85
≥0.85
Beam Divergence θ×θ(deg)
48x10
48x10
Wavelength Temperature Coefficient (nm/°C)
0.3
0.3
Emitting Area (µm)
50x1
50x1
Series Resistance (Ω)
≤0.80
≤0.60
Polarization
TE
TE
Package Style
C-Mount / TO3
C-Mount / TO3
Reverse Voltage
2.0
2.0
Operating Temperature (°C)
10 … 30
10 … 30
Storage Temperature (°C)
-10 … 60
-10 … 60
Type
LDM-0980-001W-x3
LDM-0980-002W-x5
CW Output Power (W)
1.0
2.0
Peak Wavelength Δ (nm)
975±15
975±15
Spectral Width Δλ (nm)
≤2.5
≤2.5
Threshold Current (A)
≤0.30
≤0.45
Operation Current (A)
≤1.38
≤2.56
Operation Voltage (V)
≤2.0
≤2.0
Slope Efficiency (W/A)
≥0.88
≥0.9
Beam Divergence θ×θ(deg)
48x10
48x10
Wavelength Temperature Coefficient (nm/°C)
0.3
0.3
Emitting Area (µm)
100x1
200x1
Series Resistance (Ω)
≤0.50
≤0.25
Polarization
TE
TE
Package Style
C-Mount / TO3
C-Mount / TO3
Reverse Voltage
2.0
2.0
Operating Temperature (°C)
10 … 30
10 … 30
Storage Temperature (°C)
-10 … 60
-10 … 60


Similar Part No. - LDM-0980-CMOUNT-TO3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0980-002W-35 ROITHNER-LDM-0980-002W-35 Datasheet
155Kb / 4P
   Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
LDM-0980-050M-50 ROITHNER-LDM-0980-050M-50 Datasheet
194Kb / 3P
   infrared laser diode
LDM-0980-300M-92 ROITHNER-LDM-0980-300M-92 Datasheet
179Kb / 3P
   CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
More results

Similar Description - LDM-0980-CMOUNT-TO3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0808-CMOUNT-TO3 ROITHNER-LDM-0808-CMOUNT-TO3 Datasheet
515Kb / 4P
   Solid-state Laser Pumping Medical Usage Target Designator Free-space Communication Infrared Light Sources
LDM-0808-500M-92 ROITHNER-LDM-0808-500M-92 Datasheet
184Kb / 3P
   Solid-state Laser Pumping Medical Usage Target Designator Free-space Optical Communication
logo
Level One
FCS-6010 LVL1-FCS-6010 Datasheet
476Kb / 6P
   1.3-Megapixel (1280x1024) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
logo
Roithner LaserTechnik G...
ADL-80V03TL ROITHNER-ADL-80V03TL Datasheet
388Kb / 2P
   Pumping source for DPSS green laser Medical applications
ADL-80Y04TZ-1 ROITHNER-ADL-80Y04TZ-1 Datasheet
218Kb / 2P
   Pumping source for DPSS green laser Medical applications
logo
Level One
FCS-3052 LVL1-FCS-3052 Datasheet
532Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution Built-in infrared LEDs for night viewing up to 10m
FCS-3081 LVL1-FCS-3081 Datasheet
3Mb / 8P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
FCS-5051 LVL1-FCS-5051 Datasheet
442Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution Built-in infrared LEDs for night viewing up to 25m
logo
STMicroelectronics
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
   This document is intended to provide usage information
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
   This document is intended to provide usage information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com