Electronic Components Datasheet Search |
|
21-33388-31 Datasheet(PDF) 7 Page - Amphenol Corporation |
|
21-33388-31 Datasheet(HTML) 7 Page - Amphenol Corporation |
7 / 54 page 5 Suggested Oper. Voltage Service (Sea Level) Test Voltage Test Voltage Test Voltage Test Voltage Rating AC (RMS) DC (Sea Level) 50,000 Ft. 70,000 Ft. 110,000 Ft. 22D .0345 ± .0010 .141 .036 .094 20 .047 ± .001 .209 .044 .125 16 .067 ± .001 .209 .078 .141 12 .100 ± .002 .209 .116 .141 10 (Power) .137 ± .002 .355 NA NA 8 .181 ± .002 .490 NA NA 4 .281 ± .002 .490 NA NA 0 .453 ± .002 .585 NA NA Test Current (Amps) Maximum Maximum Contact Millivolt Drop MIllivolt Drop Size Crimp Hermetic Crimp* Hermetic* 22D 5 3 73 85 20 7.5 5 55 60 16 13 10 49 85 12 23 17 42 85 10 (Power) 33 NA 33 NA 8 (Power) 46 NA 26 NA 480 NA 23 NA 0 150 NA 21 NA CONTACT RATING + .004 – .000 + .004 – .000 + .004 – .002 + .004 – .002 M 400 550 1300 VRMS 550 VRMS 350 VRMS 200 VRMS N 300 450 1000 VRMS 400 VRMS 260 VRMS 200 VRMS I 600 850 1800 VRMS 600 VRMS 400 VRMS 200 VRMS II 900 1250 2300 VRMS 800 VRMS 500 VRMS 200 VRMS SERVICE RATING FINISH DATA Non-Hermetic Shell Components Service Class Finish Military Proprietary Anodic Coating (Non-Conductive) C RX** F (Metal) M (Composite) W (Metal) J (Composite) Stainless Steel with Nickel Plate S RS Stainless Steel K RK Stainless Steel Y Y Stainless Steel with Nickel Plate N YN Hermetic Shell Components Service Class Material / Finish Military Proprietary * When using silver plated wire. Crimp Well Data Hermetic Data Contact Nominal Min. Well Size Well Diameter Well Depth Well Diameter Depth Tri-Start specifications ** Add Suffix (005) to part number. Olive Drab Cadmium Plate Nickel Base RF RW Electroless Nickel Please note that the establishment of electrical safety factors is left entirely in the designer’s hands, since he is in the best position to know what peak voltage, switching surges, transients,etc. can be expected in a particular circuit. |
Similar Part No. - 21-33388-31 |
|
Similar Description - 21-33388-31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |