Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C905N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74C905N
Description  12-Bit Successive Approximation Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C905N Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MM74C905N Datasheet HTML 1Page - Fairchild Semiconductor MM74C905N Datasheet HTML 2Page - Fairchild Semiconductor MM74C905N Datasheet HTML 3Page - Fairchild Semiconductor MM74C905N Datasheet HTML 4Page - Fairchild Semiconductor MM74C905N Datasheet HTML 5Page - Fairchild Semiconductor MM74C905N Datasheet HTML 6Page - Fairchild Semiconductor MM74C905N Datasheet HTML 7Page - Fairchild Semiconductor MM74C905N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Switching Time Waveforms
USER NOTES FOR A/D CONVERSION
The register can be used with either current switches that
require a low voltage level to turn the switch ON or current
switches that require a high voltage level to turn the switch
ON. If current switches are used which turn ON with a low
logic level, the resulting digit output from the register is
active low. That is, a logic “1” is represented as a low volt-
age level. If current switches are used which turn ON with a
high logic level, the resulting digit output is active high. A
logic “1” is represented as a high voltage level.
For a maximum error of
±½ LSB, the comparator must be
biased. If current switches that require a high voltage level
to turn ON are used, the comparator should be biased
LSB and if the current switches require a low logic level to
turn ON, then the comparator must be biased
−½ LSB.
The register can be used to perform 2's complement con-
version by offsetting the comparator one half full range
LSB and using the complement of the MSB Q11 as the sign
bit.
If the register is truncated and operated in the continuous
conversion mode, a lock-up condition may occur on power-
ON. This situation can be overcome by making the START
input the “OR” function of CC and the appropriate register
output.
The register, by suitable selection of register ladder net-
work, can be used to perform either binary or BCD conver-
sion.
The register outputs can drive the 10 bits or less with 50k/
100k R/2R ladder network directly for VCC = 10V or higher.
In order to drive the 12-bit 50k/100k ladder network and
have
the
±½ LSB resolution, the MM74C902 or
MM74C904 is used as buffers, three buffers for MSB
(Q11), two buffers for Q10, and one buffer for Q9.


Similar Part No. - MM74C905N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90 Datasheet
54Kb / 6P
   4-Bit Binary Counter
logo
Texas Instruments
MM74C90 TI1-MM74C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901M FAIRCHILD-MM74C901M Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
More results

Similar Description - MM74C905N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNDM54LS502-X NSC-MNDM54LS502-X Datasheet
14Kb / 6P
   8 - BIT SUCCESSIVE APPROXIMATION REGISTER
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
Linear Dimensions Semic...
LND2907HT LINEAR_DIMENSIONS-LND2907HT Datasheet
100Kb / 1P
   10-Bit Successive Approximation Register Analog-to-
logo
Analog Devices
AD7582 AD-AD7582_17 Datasheet
2Mb / 13P
   CMOS 12-Bit Successive Approximation ADC
AD7582 AD-AD7582 Datasheet
811Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
AD7582KNZ AD-AD7582KNZ Datasheet
2Mb / 12P
   CMOS 12-Bit Successive Approximation ADC
REV. B
AD7578 AD-AD7578 Datasheet
750Kb / 12P
   CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
REV. B
logo
Fairchild Semiconductor
DM74LS503 FAIRCHILD-DM74LS503 Datasheet
45Kb / 4P
   8-Bit Successive Approximation Register (with Expansion Control)
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com