Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62GB52A Datasheet(PDF) 4 Page - Amphenol Corporation

Part # 62GB52A
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB52A Datasheet(HTML) 4 Page - Amphenol Corporation

  62GB52A Datasheet HTML 1Page - Amphenol Corporation 62GB52A Datasheet HTML 2Page - Amphenol Corporation 62GB52A Datasheet HTML 3Page - Amphenol Corporation 62GB52A Datasheet HTML 4Page - Amphenol Corporation 62GB52A Datasheet HTML 5Page - Amphenol Corporation 62GB52A Datasheet HTML 6Page - Amphenol Corporation 62GB52A Datasheet HTML 7Page - Amphenol Corporation 62GB52A Datasheet HTML 8Page - Amphenol Corporation 62GB52A Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Amphenol ® 62GB
solder connectors
This miniature bayonet lock connector series offers
designers important features not found in any other range
of connectors. The range has full qualification approval to
British Standards Specification BS 9522 FOO 17 and British
Defence Specification DEF STAN 59-35 (Part 3) Sec. 7.
62GB Series connectors - developed and manufactured
entirely in the United Kingdom by Amphenol Limited. They
are the first and only British connectors to have achieved
this. A doubly strong position which Amphenol are well
geared to handle. The manufacturing facilities of the
Whitstable plant have been cited as exemplary in Europe.
Certainly the layout is extensive and extremely efficient;
safety awards have been attained every time returns have
been submitted to the British Safety Council.
62GB Series connectors have been well established with
Government authorities on an international scale and users
can be found in Sweden, Denmark, Norway, Finland,
Germany, Spain, Holland, India, Canada and Italy.
Derating
Connectors must be derated under the following
operating conditions:
1.
At elevated ambient temperatures, the current ratings
are reduced so that total maximum hot spot
temperature of 125°C is not exceeded.
2.
At high altitudes, revised voltage ratings become
effective as shown on page 7.
3.
When connectors to different specifications are
intermated (e.g. BS 9522 FOO 17 and
MIL-C26482), the combination must not be
operated under conditions more severe than the
less stringent clause of either specification.
Amphenol 62GB connectors are designed to meet
the most stringent requirements of both
specifications.
Military Specifications
British Standards Specification BS 9522 FOO 17
closely corresponds to the United States Military
Specification MIL-C-26482 solder terminations.
Certain differences exist between the schedules which
can be seen on pages 2 and 3.
Approved gauges are used to check interchangeability
of 62GB series with other connectors manufactured to
BS 9522 FOO 17 or MIL-C-26482.
Basic Construction
62GB Series can be supplied in brass or stainless steel.
The normal shell finish used, which has a high resistance to
corrosion, is zinc cobalt olive drab. Other finishes may be
supplied to special order, such as cadmium plate which is
available by adding deviation (714) to the end of part
number.
Inserts are of polychloroprene rubber compounded to an
Amphenol specification. Operating temperature range is
-55°C to 125°C, and the connectors have gold-plated
contacts designed for soldered connections. Configurations
for size 20 contacts range between 2 contacts in the size 8
12.7mm (0.5in diameter) shell up to a maximum of 61
contacts in the size 2436.1 mm (1.5in diameter) shell.
Intermediate sizes, and contact data for heavier current
ratings are shown in the insert availability chart on page 6
and 7.
Hermetic connectors with glass sealed dialectric are
manufactured with mild steel shells and nickel iron
contacts plated tin over copper.
*
Other finishes are available on request.
Protection Against Mis-Mating or Cross-Plugging
In BS 9522 FOO 17 positive shell-to-shell keying is
provided with keys and keyways in a choice of either the
normal (N) or any of the four preferred alternate
positions: B, C, E and F. This prevents mismating between
shells of different orientations and overcomes the
difficulties associated with rotated inserts and a standard
key-keyway orientation. In the latter system, damage to
the inserts or contacts can result if excessive force is used
to engage non-mating pairs.
Rotated inserts are, however, permissible in BS 9522 FOO
17 connectors if required to mate with or replace units to
MIL-C-26482 mounted in existing equipment. Connectors
have normal orientations manufactured to BS 9522 FOO 17
or MIL-C-26482 are fully intermateable as also are
connectors with inserts in positions W, X, Y or Z.
This catalogue to be used in conjunction with Catalogues:
CE-2Ra – 62GB Series Receptacles
CE-2Aa – 62GB Series Accessories


Similar Part No. - 62GB52A

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB52A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com