Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6426CS15X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ML6426CS15X
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426CS15X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ML6426CS15X Datasheet HTML 1Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 2Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 3Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 4Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 5Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 6Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 7Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 8Page - Fairchild Semiconductor ML6426CS15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DATA SHEET
ML6426
REV. 3A August 2004
5
Notes
1. Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
2. Sustained short circuit protection limited to 10 seconds.
3. 38dB is based on tester noise limits.
30MHz Filter: ML6426-4
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25°C
15.3
18
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25°C
27
30
MHz
f0.8fc
0.8 x fC Attenuation
1.7
dB
fSB
StopBand Rejection
(All Channels
≥ 4 fC)
fIN
≥ 4 fC, Note 3
-40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
Between any two Channels
-55
dB
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
-54
dB
TPD
Group Delay (R, G, B,)
100kHz
18
ns
∆TPD
Group Delay Deviation from Flatness
(R, G, B,)
to 10MHz
0.5
ns
to 27MHz
2
ns
36MHz Filter: ML6426-5
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25°C
17
20
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25°C
32.4
36
MHz
f0.8fc
0.8 x fC Attenuation
2
dB
fSB
StopBand Rejection
(All Channels
≥ 4 fC)
fIN
≥ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
Between any two Channels
–55
dB
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
TPD
Group Delay (R, G, B,)
100kHz
17
ns
∆TPD
Group Delay Deviation from Flatness
(R, G, B,)
to 10MHz
0.5
ns
to 30MHz
4
ns
15MHz Filter: ML6426-15
f1dB
–1dB Bandwidth Flatness (R, G, B,)
25°C
10.8 12.2
MHz
fc
–3dB Bandwidth Flatness (R, G, B,)
25°C
13.8
15
MHz
f0.8fc
0.8 x fC Attenuation
1.2
dB
fSB
StopBand Rejection (All Channels
≥ 4 fC) fIN
≥ 4 fC, Note 3
–40
dB
NOISE
Output Noise (R, G, B,)
Fullband
1.0
mVRMS
XTALK
Crosstalk
Input of 0.5VP-P at 1 MHz
Between any two Channels
–55
dB
XTALK
A/B MUX Crosstalk
Input of 0.5VP-P at 3.58/4.43MHz
–54
dB
TPD
Group Delay (R, G, B,)
100kHz
40
ns
∆TPD
Group Delay Deviation from Flatness
(R, G, B,)
to 3.58MHz
1
ns
to 4.43MHz
1
ns
to 10MHz
9
ns
Electrical Characteristics (continued)
Unless otherwise specified, VCC = 5V±10%, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min
Typ Max
Units


Similar Part No. - ML6426CS15X

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426CS-1 MICRO-LINEAR-ML6426CS-1 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-15 MICRO-LINEAR-ML6426CS-15 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-2 MICRO-LINEAR-ML6426CS-2 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-3 MICRO-LINEAR-ML6426CS-3 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-4 MICRO-LINEAR-ML6426CS-4 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426CS15X

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com