Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6426CS5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ML6426CS5X
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426CS5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ML6426CS5X Datasheet HTML 1Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 2Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 3Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 4Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 5Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 6Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 7Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 8Page - Fairchild Semiconductor ML6426CS5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DATA SHEET
ML6426
REV. 3A August 2004
3
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min.
Max.
Unit
VCC
–0.3
7
V
Junction Temperature
150
°C
ESD
>2000
V
Analog and Digital I/O
GND – 0.3
VCC + 0.3
V
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (
θJA)
100
°C/W
Parameter
Min.
Max.
Unit
Temperature Range
0
70
°C
VCC Range
4.5
5.5
V
Electrical Characteristics
Unless otherwise specified, VCC = 5V±10%, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min
Typ Max
Units
General
ICC
Supply Current
No Load (VCC = 5.5V)
52
80
mA
AV
Low Frequency Gain (R, G, B)
VIN = 100mVP-P at 100KHz
5.34
6.0
6.65
dB
VOUT
Output Level during Sync (R, G, B,)
Output Capability
DURING SYNC
0.7
0.9
1.2
V
RL = 150
Ω, AC-coupled@1MHz
2
VP-P
tCLAMP
Clamp Response Time
Settled to Within 10mV,
CIN = 0.1µF
10
ms
VI
Input Signal Dynamic Range (R, G, B,) AC Coupled
1.4
VP-P
OS
Peak Overshoot (R, G, B,)
2VP-P Output Pulse
4.3
%
CL
Output Load Capacitance (R, G, B,)
All Outputs
35
pF
Output Load Drive Capability, per Pin
(YUV or RGB Outputs)
One Load is 150
2
loads
dG
Differential Gain (R, G, B,)
All Outputs at fC/2
0.4
%
d
φ
Differential Phase (R, G, B,)
All Outputs at fC/2
0.4
°
THD
Output Distortion (R, G, B,)
VOUT = 2VP-P at 1 MHz
0.8
%
PSRR
PSRR (R, G, B,)
0.5VP-P (100kHz) at VCC
35
dB
ISC
Output Short Circuit Current (R, G, B,)
Note 2
120
mA
VIH
Input Voltage Logic High
DISABLE, SYNC IN
2.5
V
VIL
Input Voltage Logic Low
DISABLE, SYNC IN
1.0
V
TMUX
Input Mux
Data Valid
Time
A/B Mux
Pin Valid
High or Low
2µs


Similar Part No. - ML6426CS5X

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426CS-1 MICRO-LINEAR-ML6426CS-1 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-15 MICRO-LINEAR-ML6426CS-15 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-2 MICRO-LINEAR-ML6426CS-2 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-3 MICRO-LINEAR-ML6426CS-3 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-4 MICRO-LINEAR-ML6426CS-4 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426CS5X

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com