Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6333-TR1G Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6333-TR1G
Description  18 ??33 GHz, 0.2 W Driver Amplifier in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6333-TR1G Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6333-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6333-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
-20
-15
-10
-5
0
15
17
19
21
23
25
27
29
31
33
35
Frequency [GHz]
Frequency [GHz]
-20
-15
-10
-5
0
15
17
19
21
23
25
27
29
31
33
35
Frequency [GHz]
Frequency [GHz]
5
10
15
20
25
30
15
17
19
21
23
25
27
29
31
33
35
17
19
21
23
25
27
15
17
19
21
23
25
27
29
31
33
35
S11_25
S11_-40
S11_85
S22_25
S22_-40
S22_85
P-1_85deg
P-1_25deg
P-1_-40deg
S21_25
S21_-40
S21_85
Typical Performance (continued)
(Vd =5 V, IdQ = 230 mA, Zin = Zout = 50 Ω)
(Data obtained from a test fixture with 2.4 mm connectors. Effects of the test fixture – losses and mismatch – have not
been removed from the data)
Figure 13. |S21| vs Frequency and Temperature
Figure 14. P-1dB vs Frequency and Temperature
Figure 11. |S11| vs Frequency and Temperature
Figure 12. |S22| vs Frequency and Temperature


Similar Part No. - AMMP-6333-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6333-TR1G AVAGO-AMMP-6333-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6333-TR1G BOARDCOM-AMMP-6333-TR1G Datasheet
1Mb / 10P
   18-GHz to 33-GHz, 0.2-W Driver Amplifier in SMT Package
More results

Similar Description - AMMP-6333-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6333 AVAGO-AMMP-6333_15 Datasheet
237Kb / 9P
   18 ??33 GHz, 0.2 W Driver Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6333 BOARDCOM-AMMP-6333 Datasheet
1Mb / 10P
   18-GHz to 33-GHz, 0.2-W Driver Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6333 AVAGO-AMMC-6333 Datasheet
481Kb / 11P
   18 ??33 GHz 0.2 W Driver Amplifier
logo
Broadcom Corporation.
AMMC-6333 BOARDCOM-AMMC-6333 Datasheet
481Kb / 11P
   18 ??33 GHz 0.2 W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6408 AVAGO-AMMP-6408_08 Datasheet
623Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
AMMP-6408 AVAGO-AMMP-6408 Datasheet
524Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6408 BOARDCOM-AMMP-6408 Datasheet
623Kb / 12P
   6 to 18 GHz 1 W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-3503 AVAGO-VMMK-3503 Datasheet
1Mb / 12P
   0.5 - 18 GHz Variable Gain Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3503 BOARDCOM-VMMK-3503 Datasheet
1Mb / 12P
   0.5 - 18 GHz Variable Gain Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com