Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6426CS4X_NL Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # ML6426CS4X_NL
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426CS4X_NL Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button ML6426CS4X_NL Datasheet HTML 4Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 5Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 6Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 7Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 8Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 9Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 10Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 11Page - Fairchild Semiconductor ML6426CS4X_NL Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ML6426
DATA SHEET
8
REV. 3A August 2004
Pixel clock rates for the output D/A converters can be
roughly determined from the Table 1. Don’t forget that the
deflection system of a CRT display needs retrace time for the
vertical and horizontal.
This retrace time can vary from one design of an HDTV set
to another, as it only involves tradeoffs between the frame
buffer in the MPEG decoder and the CRT deflection system.
Allowing for 10% retrace time for the vertical and 20% for
the horizontal, the appropriate Reconstruction Filter is sum-
marized in Table 2.
For VGA or RGB monitors, the following resolutions can
use the corresponding Reconstruction Filter and Video
Amplifier as shown in Table 3.
Figures 4, 5, and 6 show system diagrams when the ML6426
provides a good solution. Figure 7 provides a more detailed
description for advanced TV applications using various reso-
lutions for legacy video, SDTV, and HDTV.
Using the ML6426 in Multiple Resolutions
Several ML6426 devices can be used in parallel to construct
a selectable filter selection block ranging from frequencies
between 6.7 MHz to 50MHz. Each ML6426 can be individu-
ally controlled via the disable pin. In a parallel configuration,
as shown in Figure 3 and 7, several ML6426 devices can be
used and selected via general purpose I/O or other logic to
perform the proper reconstruction filtering for the resolution
of choice. This configuration allows for a minimum of bill of
materials and reduces cost. Fairchild’s ML6426 EVAL Kit
demonstrates multi-resolution designs. Furthermore, since
the ML6426 pin-out is identical for all the options, the filters
can be interchanged. This allows for ease of product migra-
tion to integrate newer resolutions to filter and drive various
DAC outputs at different sampling frequencies.
Table 3. Choosing the Correct Reconstruction Filter and Video Amplifier for TV Applications, ML6426 options
N/A = not available
640
480
VGA
60Hz
31.5kHz
25.175MHz
12.5MHz
ML6426-2
VGA
72Hz
37.9kHz
31.5MHz
15.5MHz
ML6426-3
VGA
75Hz
37.5kHz
31.5MHz
15.5MHz
ML6426-3
800
600
SVGA
56Hz
35.1kHz
36MHz
18MHz
ML6426-3
SVGA
60Hz
37.9kHz
40MHz
20MHz
ML6426-3
SVGA
72Hz
48.1kHz
50MHz
25MHz
ML6426-3
SVGA
75Hz
46.9kHz
49.5MHz
25MHz
ML6426-3
1024
768
XGA
43Hz
Interlaced
35.5kHz
44.9MHz
23MHz
ML6426-3
XGA
60Hz
37.9kHz
65MHz
33MHz
ML6426-5
XGA
70Hz
56.5kHz
75MHz
37.5MHz
ML6426-5
1280
1024
SXGA
75Hz
80kHz
135MHz
68MHz
na
SXGA
60Hz
113MHz
57MHz
na
1600
1200
UXGA
60Hz
166MHz
83MHz
na


Similar Part No. - ML6426CS4X_NL

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426CS-1 MICRO-LINEAR-ML6426CS-1 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-15 MICRO-LINEAR-ML6426CS-15 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-2 MICRO-LINEAR-ML6426CS-2 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-3 MICRO-LINEAR-ML6426CS-3 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
ML6426CS-4 MICRO-LINEAR-ML6426CS-4 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426CS4X_NL

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com