Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-32120-TR2G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-32120-TR2G
Description  2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-32120-TR2G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-32120-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Product Consistency Distribution Charts[5]
Figure 1. Ids; LSL = 690mA, nominal = 800mA, USL = 910mA
Figure 2. OIP3; LSL = 48dBm, nominal = 52dBm
Figure 3. P1dB; LSL = 33dBm, nominal = 34.4dBm
Figure 4. PAE at P1dB; nominal = 50.3%
LSL
USL
.700
.800
.900
LSL
USL
12
12.5
13
13.5
14
14.5
15
15.5
16
LSL
48
49
50
51
52
53
54
LSL
33
33.5
34
34.5
35
45
46
47
48
49
50
51
52
53
54
55
Absolute Maximum Rating[2] TA=250C
Symbol
Parameter
Units
Absolute
Max.
Vdd,max
Device Voltage, RF output to ground
V
5.5
Ids,max
Device Drain Current
mA
1500
Vctrl,max
Control Voltage
V
5.5
Pin,max
CW RF Input Power
dBm
28
Pdiss
Total Power Dissipation [4]
W
8.25
Tj, max
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3] θjc = 12ºC/W
(Vdd=5, Ids=800mA, Tc=85°C)
Notes:
2. Operation of this device in excess of any of
these limits may cause permanent damage.
3. Thermal resistance measured using Infra-Red
measurement technique.
4. This is limited by maximum Vdd and Ids.
Derate 83.3mW/ 0C for Tc > 51.00C.
Figure 5. Gain; LSL=12.5dB, Nominal = 14.3dB, USL=15.5dB
Note:
5. Distribution data sample size is 500 samples taken from 3 different
wafer lots. TA = 25°C, Vdd = 5V, Vctrl = 5V, RF performance at 900MHz
unless otherwise specified. Future wafers allocated to this product
may have nominal values anywhere between the upper and lower
limits.
6. Measurements are made on a production test board. Input trace
losses have not been de-embedded from actual measurements.
LSL
USL
.700
.800
.900
LSL
USL
12
12.5
13
13.5
14
14.5
15
15.5
16
LSL
48
49
50
51
52
53
54
LSL
33
33.5
34
34.5
35
45
46
47
48
49
50
51
52
53
54
55
CPK = 1.592
Std Dev = 0.018
LSL
USL
.700
.800
.900
LSL
USL
12
12.5
13
13.5
14
14.5
15
15.5
16
LSL
48
49
50
51
52
53
54
LSL
33
33.5
34
34.5
35
45
46
47
48
49
50
51
52
53
54
55
CPK = 1.81
Std Dev = 0.642
CPK = 5.690
Std Dev = 0.050
CPK = 3.598
Std Dev = 0.086
Std Dev = 0.521


Similar Part No. - ALM-32120-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120-TR2G AVAGO-ALM-32120-TR2G Datasheet
1Mb / 11P
   0.7GHz - 1.0GHz 2 Watt High Linearity Amplifier
ALM-32120-TR2G AVAGO-ALM-32120-TR2G Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
More results

Similar Description - ALM-32120-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com