Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-32120-TR2G Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-32120-TR2G
Description  2 Watt High Linearity Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-32120-TR2G Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-32120-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-32120-TR2G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
3.64
0.99
0.81
1.08
0.81
1.26
3.96
3.03
0.81
0.70
0.60
∅0.30
0.90
C'fer 0.3X45°
0.90
0.30
0.30
4.05
4.05
1.10
0.30
1.20
1.40
0.30
0.90
0.70
3.64
0.99
0.81
1.08
0.81
1.26
3.96
3.03
0.81
PCB Layout and Stencil Design
PCB Land Pattern (Top View)
Stencil Outline
Combined PCB and stencil layout Land Pattern (Top View)
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM-32120-TR1G
1000
13” Reel
ALM-32120-TR2G
3000
13” Reel
ALM-32120-BLKG
100
antistatic bag
Product Family
Output
Frequency Band
Power
700MHz-1GHz
1.7-2.7GHz
3.3-3.9GHz
0.5W
MGA-30116
MGA-30216
MGA-30316
1W
ALM-31122
ALM-31222
ALM-31322
2W
ALM-32120
ALM-32220
ALM-32320
Note: All dimensions are in millimeters.


Similar Part No. - ALM-32120-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120-TR2G AVAGO-ALM-32120-TR2G Datasheet
1Mb / 11P
   0.7GHz - 1.0GHz 2 Watt High Linearity Amplifier
ALM-32120-TR2G AVAGO-ALM-32120-TR2G Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
More results

Similar Description - ALM-32120-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32120 AVAGO-ALM-32120_14 Datasheet
741Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32220 AVAGO-ALM-32220_14 Datasheet
719Kb / 11P
   2 Watt High Linearity Amplifier
logo
TriQuint Semiconductor
TQP7M9106 TRIQUINT-TQP7M9106_15 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320_12 Datasheet
830Kb / 11P
   2 Watt High Linearity Amplifier
logo
Qorvo, Inc
TQP7M9106 QORVO-TQP7M9106 Datasheet
504Kb / 8P
   2 Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32220 AVAGO-ALM-32220_13 Datasheet
692Kb / 11P
   2 Watt High Linearity Amplifier
ALM-32320 AVAGO-ALM-32320_14 Datasheet
698Kb / 11P
   2 Watt High Linearity Amplifier
logo
WJ Communication. Inc.
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
logo
Broadcom Corporation.
ALM-32120 BOARDCOM-ALM-32120 Datasheet
741Kb / 11P
   0.7GHz ??1.0GHz 2 Watt High Linearity Amplifier
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com