Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C42 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C42
Description  BCD-to-Decimal Decoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C42 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C42 Datasheet HTML 1Page - Fairchild Semiconductor MM74C42 Datasheet HTML 2Page - Fairchild Semiconductor MM74C42 Datasheet HTML 3Page - Fairchild Semiconductor MM74C42 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005882.prf
www.fairchildsemi.com
MM74C42
BCD-to-Decimal Decoder
General Description
The MM74C42 one-of-ten decoder is a monolithic comple-
mentary MOS (CMOS) integrated circuit constructed with
N- and P-channel enhancement transistors. This decoder
produces a logical “0” at the output corresponding to a four
bit binary input from zero to nine, and a logical “1” at the
other outputs. For binary inputs from ten to fifteen all out-
puts are logical “1”.
Features
s Supply voltage range:
3V to 15V
s Tenth power TTL compatible: drive 2 LPTTL loads
s High noise immunity: 0.45 VCC (typ.)
s Low power: 50 nW (typ.)
s Medium speed operation: 10 MHz (typ.) with 10V VCC
Applications
• Automotive
• Data terminals
• Instrumentation
• Medical electronics
• Alarm systems
• Industrial electronics
• Remote metering
• Computers
Ordering Code:
Connection Diagram
Pin Assignments for DIP
Top View
Order Number
Package Number
Package Description
MM74C42N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74C42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C42J NSC-MM74C42J Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
MM74C42N NSC-MM74C42N Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
More results

Similar Description - MM74C42

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
   BCD-to-decimal decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com