Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM31222-TR2G Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM31222-TR2G
Description  1-Watt High Linearity Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM31222-TR2G Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM31222-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ALM31222-TR2G Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1921
20
22
Bottom View
(2x) 1.60
(6x) 0.50
(4x) 0.70
(4x) 0.60
(2x) 2.40
(2x) 1.30
0.07 (All Metal and SM Gaps)
(8x) 0.21
(8x) 0.210
(12x) 0.16
(8x) 0.50 sq
0.10
6.00±0.10
Pin 1
5.00±0.10
0.60
1.05±0.10
Top View
Side View
31222
WWYY
XXXX
MCOB 5x6 Package Dimensions
Notes:
1. All dimenions are in milimeters
2. Dimensions are inclusive of plating
3. Dimensions are exclusive of mold flash and metal burr
Product Family
Output
Power
Frequency Band
700MHz-1GHz
1.7- 2.7GHz
3.3-3.9GHz
0.5W
MGA-30116
MGA-30216
MGA-30316
1W
ALM-31122
ALM-31222
ALM-31322
2W
ALM-32120
ALM-32220
ALM-32320
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM31222-TR1G
1000
7” Reel
ALM31222-TR2G
3000
13” Reel
ALM31222-BLKG
100
antistatic bag


Similar Part No. - ALM31222-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM31222-TR2G AVAGO-ALM31222-TR2G Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
More results

Similar Description - ALM31222-TR2G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31222 AVAGO-ALM-31222_14 Datasheet
363Kb / 13P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
DEMO-ALM-31X22 BOARDCOM-DEMO-ALM-31X22 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31322 AVAGO-ALM-31322_10 Datasheet
235Kb / 12P
   1-Watt High Linearity Amplifier
logo
Broadcom Corporation.
ALM-31122 BOARDCOM-ALM-31122 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-31122 AVAGO-ALM-31122_14 Datasheet
356Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31122 AVAGO-ALM-31122_10 Datasheet
239Kb / 12P
   1-Watt High Linearity Amplifier
ALM-31322 AVAGO-ALM-31322_14 Datasheet
344Kb / 12P
   1-Watt High Linearity Amplifier
logo
List of Unclassifed Man...
AH215 ETC1-AH215 Datasheet
251Kb / 6P
   1 Watt, High Linearity HBT Amplifier
logo
ANADIGICS, Inc
ADR3410 ANADIGICS-ADR3410 Datasheet
785Kb / 8P
   50 ??High Linearity 1 Watt Amplifier
logo
WJ Communication. Inc.
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com