Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


8-1393766-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 8-1393766-0
Description  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
Potter & Brumfield
Other Data (continued)
Terminal type
Solder/plug-in terminals, PCB-THT,
8- or 11-PIN octal type plug
Weight
23 to 40g
Packaging/unit
tray/50 pcs., box/350pcs.
Accessories
For details see datasheet
Sockets and Accessories, R10 Relays
Product Code Description
Many versions of sockets and clips available.
NOTE: Relays with contact current <50mA are not recommended for use in sockets.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
between adjacent contacts
1000Vrms
Initial insulation resistance
between insulated elements
10GΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-55ºC to 75ºC
Category of environmental protection
IEC 61810
RTI - dust protected and RTIII - wash tight
Terminal dimensions
Solder terminal dimensions
Printed circuit terminal dimensions
Terminal assignment
R10 - AC Coil Diagram
Dimensions
.735 MAX.
(18.67)
1.187 MAX .
(30.15)
R10S: 1.50 MAX.
(38.1)
.406
(10.31)
.135
(3.43)
.210
(5.33)
3-48THREAD
NIB .091 DIA. x .020 HIGH
(2.31) (.51)
} TYPE E1 ONLY
.354
(8.99)
#6-32
THREAD
.375
(9.53)
.171
(4.43)
.156
(3.96)
CASE R ONLY
Recommend tape tab
be removed after
immersion cleaning
and before relay is put
in service. Peel off to
permit proper relay
ventilation.
2 POLE .950 MAX.
(24.13, 2 POLE 1R10)
4 POLE 1.165 MAX.
(29.59, 4 POLE 1R10)
6 POLE 1.375 MAX.
(34.93)
8 POLE 1.580 MAX.
(40.13)
.437
(11.10)
.59 REF.
(15.0)
STUD ON NARR OW
SIDE ONLY
CASE E
ONLY
TYPE E6 ONLY
.085 MAX.
(2.16)
TYPE E6 ONLY
.012
(.30)
.040
(1.02)
.090
(2.29)
.080
(2.03)
D
(TO TOP OF CASE)
B
A
C
A
B
C
D
Arrang.
Type 2
.131
.050
.064
1.251
Inline
Type 7
.131
.040
.013
1.20
Inline
Type 9
.170
.040
.000
1.187
Staggered
Thickness
.012
.012
.012
.013
–––
26
27
14
1 POLE
8
9
5
10
6
7
4 3 2
1
2 POLE
8
9
5
10
6
7
4 3 2
1
3 POLE
4 3 2
1
4 POLE
4 3 2
1
14
15
8
16
9
10
11
12
5
13
6
7
14
15
8
16
9
10
11
12
5
13
6
7
6 POLE
4 3 2
1
19
9
10
20
21
11
14
15
5
17
18
8
8 POLE
4 3 2
1
22
12
13
16
6
7
22
9
10
23
24
11
17
18
5
20
21
8
25
12
13
19
6
7
28
15
16
DUAL
COIL




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl