Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-12124 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-12124
Description  50 Watt High Power SPDT Switch with LNA Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-12124 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-12124 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM-12124 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Device Orientation
USER FEED DIRECTION
TOP VIEW
END VIEW
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
AVAGO
12124
WWYY
XXXX
AVAGO
12124
WWYY
XXXX
AVAGO
12124
WWYY
XXXX
Tape Dimensions
Part Number Ordering Information
Part #
Qty
Container
ALM-12124-BLKG
100
Antistatic Bag
ALM-12124-TR1G
1000
13” Reel


Similar Part No. - ALM-12124

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
More results

Similar Description - ALM-12124

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-12124 AVAGO-ALM-12124_15 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 AVAGO-ALM-12224 Datasheet
297Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
logo
Broadcom Corporation.
DEMO-ALM-12X24 BOARDCOM-DEMO-ALM-12X24 Datasheet
299Kb / 12P
   50 Watt High Power SPDT Switch with LNA Module
ALM-12224 BOARDCOM-ALM-12224 Datasheet
297Kb / 12P
   2.30 GHz ??2.40 GHz 50 Watt High Power SPDT Switch with LNA Module
ALM-12124 BOARDCOM-ALM-12124 Datasheet
299Kb / 12P
   1.88 GHz ??2.025 GHz 50 Watt High Power SPDT Switch with LNA Module
logo
TriQuint Semiconductor
QPB9324 TRIQUINT-QPB9324 Datasheet
608Kb / 8P
   High Power Switch LNA Module
logo
M/A-COM Technology Solu...
MAIA-011002 MA-COM-MAIA-011002 Datasheet
1Mb / 14P
   High Power Switch - LNA Module
logo
Qorvo, Inc
QPC9314 QORVO-QPC9314 Datasheet
1Mb / 11P
   High Power Switch LNA Module
QPB9325 QORVO-QPB9325 Datasheet
2Mb / 16P
   High Power Switch LNA Module
QPB9324 QORVO-QPB9324 Datasheet
1Mb / 12P
   High Power Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com