Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


7-1393224-9 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 7-1393224-9
Description  Miniature Power PCB RYII & RYII Reflow Solderable
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Miniature Power PCB RYII & RYII Reflow Solderable (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
+85°C at 6A
Category of environmental protection
IEC 61810
RTII - flux proof
RTIII - wash tight1)
Vibration resistance (functional),
form A (NO)/form B (NC)
20/5g
Shock resistance (functional)
form A (NO)/form B (NC)
20/5g
Shock resistance (destructive)
100g
Terminal type
PCB-THT, PCB-THR
Weight
8g
Resistance to soldering heat THT
IEC 60068-2-20
RTII : 270°C/10s
RTIII : 260°C/5s
Resistance to soldering heat THR
IEC 60068-2-58
250°C, no infrared heating allowed
Packaging/unit
standard version
tube/20 pcs., box/500 pcs.
reflow version
box/1120 pcs.
1) not available as reflow-solderable version
Accessories
For details see datasheet
Accessories Miniature PCB Relay RY
PCB layout / terminal assignment
Bottom view on solder pins
1 form C (CO) contact, 3.2mm
1 form A (NO), 1 form B (NC) contact 5mm
S0254-AA
S0254-AB
S0254-AC
S0254-AD
S0254-AF
S0254-AE
S0274-CA
S0274-CB
Dimensions
Pinning 3.2mm
Pinning 5mm




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl