Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-1393766-0 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 6-1393766-0
Description  R10 Series Panel Plug-in Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1393766-0 Datasheet(HTML) 5 Page - Tyco Electronics

  6-1393766-0 Datasheet HTML 1Page - Tyco Electronics 6-1393766-0 Datasheet HTML 2Page - Tyco Electronics 6-1393766-0 Datasheet HTML 3Page - Tyco Electronics 6-1393766-0 Datasheet HTML 4Page - Tyco Electronics 6-1393766-0 Datasheet HTML 5Page - Tyco Electronics 6-1393766-0 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
General Purpose Relays
Industrial Relays
R10 Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
Potter & Brumfield
Product code structure
Typical product code
R10
-E
1
Y
4
-V700
Type
R10
Cradle-style relay with form C contacts
R10S Super sensitive cradle-style relay with form C contacts
Case style
E Non-sealed polycarbonate dust cover (RTI)
R Wash-tight (RTIII), tape sealed plastic case 1)
T
Octal style base on non-sealed polycarbonate dust cover (terminal types 1 & 2 only; 1, 2 & 3 poles only)
1) R10 type only, terminal code 2 or 9 only, no ground or stud
Terminal and mounting
1
Solder/Plug-in terminals with #3-48 mounting stud on R10-E; 8-pin octal type on R10-T
2
PCB terminals (std.) 1.62mm (.064in) clearance, 31.75mm (1.25in) seated ht.; 11-pin octal type on R10-T
6
Side mounting plate with #6-32 stud, solder/plug-in terminals (#3-48 stud not included)
7
Narrow 1.02mm (.04in) PCB terminals, .33mm (.013in) clearance, 30.48mm (1.2in) seated ht.
9
Non-shouldered, narrow 1.02mm (.04in) PCB terminals in staggered arrangement 2)
2) Available only on 1 through 6 pole models
Contact style and rating 3)
W Single contact rated 7.5A max, 300mA min. 4) 5)
X Single contact rated 5A max, 300mA min. 5) 6)
M Bifurcated contact rated 5A max, 300 mA min. 5) 6)
Y Single contact rated 2A typ, 3A max, 100mA min.
Z Bifurcated low level contacts rated 100mA typ, 2A max, 1mA min.
P Bifurcated crossbar dry circuit contacts rated 1mA typ, 3A max, dry circuit min.
L
Bifurcated crossbar dry circuit contacts rated 500 microA typ, 250 mA max, dry circuit min.
3) Ratings are at 28VDCV or 115VAC. Total load must not exceed 30A per relay.
4) Use ungrounded frame for AC load of ≥5A. Max ratings are 7.5A at 115VAC and 4A at 28VDC for coil codes S & J
5) Only available on R10 type, only available with coil adjustment code V, Q, S and J.
6) Use ungrounded frame for AC load of ≥5A. Max ratings are 5A at 115VAC and 3A at 28VDC for coil codes S & J
Number of poles
1
1 pole
4
4 pole (not available on R10-T)
2
2 pole
6
6 pole (not available on R10-T) 7)
3
3 pole
8
8 pole (not available on R10-T) 8)
7) Not available with contact code W
8) Only available with case style E, not available with contact code W
Coil voltage
Coil code: please refer to coil versions table
AC voltage Specify coil code consisting of nominal coil voltage followed by W (example: 24V)
DC voltage Specify coil code consisting of coil adjustment code letter followed by coil resistance (example: V700)
PCB layout
Suggested panel cutout for relay
Mounting hole layout for
Bottom view on solder pins
terminal & mounting style 6
Terminal Types E2 & R2
Terminal Types E9 & R9
(Omit unnecessary holes)
(Omit unnecessary holes)
.210
(5.33)
.320
(8.13)
.110
(2.79)
.450
(11.43)
.550
(13.97)
.420
(10.67)
.530
(13.46)
.400
(10.16)
.630
(16.00)
.740
(18.80)
HOLES
+ .004
- .000
+ .10
- .00
DIA.
.056
1.42
(
)
.500
(12.70)
.100
(2.54)
GRID
.500
(12.70)
.450
(11.43)
6
POLE
2
POLE
4
POLE
.150
(3.81)
.100
(2.54)
+ .004
- .000
+ .10
- .00
(
)
.056
1.42
HOLES
DIA.
.281 ± .015
(7.14 ± .38)
.140
(3.56)
X
.354
(8.99)
.281
(7.14)
+ .005
– .000
+ .13
– .00
.109
2.77
2 HOLES
DIA.
(
)
.656 ± .015
(16.66 ± .38)
2 POLE – .343 ± .020
(8.71 ± .51)
4 POLE – .562 ± .020
(14.27 ± .51)
6 POLE – .781 ± .020
(19.84 ± .51)
8 POLE – 1.000 ± .020
(25.40 ± .51)
X =
TOLERANCE:
± .010
(± .25)
.437
(11.10)
.187 ± .0 02 DIA.
(4.75 ± .05)
.147 ± .0 02 DIA.
(3.73 ± .05)


Similar Part No. - 6-1393766-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-1393766-0 MACOM-6-1393766-0 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
6-1393766-0 MACOM-6-1393766-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
logo
TE Connectivity Ltd
6-1393766-0 TEC-6-1393766-0 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
More results

Similar Description - 6-1393766-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393767-0 MACOM-2-1393767-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-7 MACOM-2-1393766-7 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-2 MACOM-2-1393767-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393767-4 MACOM-2-1393767-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
R10-E1Y2-J2.5K MACOM-R10-E1Y2-J2.5K Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-1 MACOM-2-1393143-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-2 MACOM-2-1393143-2 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393143-4 MACOM-2-1393143-4 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-0 MACOM-2-1393766-0 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
2-1393766-8 MACOM-2-1393766-8 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com