Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB-2423.1 Datasheet(PDF) 8 Page - Roithner LaserTechnik GmbH

Part # GB-2423.1
Description  Multi-Quanyum Well (MQW) Laser Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GB-2423.1 Datasheet(HTML) 8 Page - Roithner LaserTechnik GmbH

Back Button GB-2423.1 Datasheet HTML 2Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 3Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 4Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 5Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 6Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 7Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 8Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 9Page - Roithner LaserTechnik GmbH GB-2423.1 Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
03.08.2010
eld83npt5.doc
8 of 10
6.3.4
Label
(1) A label on the clean-
bag
TO
TYPE
G.WT
QTY
N.WT
LOT No.
L
38
cm
M.Date
W
29
cm
C/No.
H
14.5
cm
7. Operation note
7.1 Absolute maximum ratings
If an excessively large current flows in a laser diode, a large optical output will occur and the
emitting facet may sustain damage.This optical damage can occur even with momentary over-current.
For this reason, absolute maximum ratings which must not be exceeded even momentarily have been
established. Exercise particular caution with respect to the drive voltage supply and static electricity.
We guarantee use within the absolute maximum ratings. These ratings are established for a case
temperature of 25
℃. As the temperature of a laser diode increases, its maximum output will decrease
and the operating range will shrink.Even when operated within the absolute maximum ratings,
operation at high temperature will result in a shorter life than operation at low temperature. For this
reason, the design should include sufficient margin for heat radiation and light output.
7.2 Heat radiation conditions
Like other semiconductors, prolonged operation of a laser diode will cause heat to build up at
junctions and increased case temperature. For this reason, attach aluminum, copper (or other) heat
sinks (at least 30
× 30 × 3mm) to the stem of the laser.
7.3 Protection against damage due to electrostatic discharge and other current surges
Electrostatic discharge and other current surges can cause deterioration and damage in laser
diodes, resulting in reduced reliability ,We advise taking the following protective measures :
7.3.1 Ground the device and circuits. Install surge filters, surge reduction transformers, or other
electrostatic discharge protectors in the power supply inputs.
7.3.2 When working with laser diodes wear anti-static clothing, including footwear and caps. Materials
should be selected carefully. Grounded wrist should always be worn while working with laser diodes,
and the strap should be grounded through a 1 M
Ωresistance.
MODEL:
LOT NO :
Po:
mW
CHIP LOT
QTY(PCS)
M . Date:
QTY:
pcs


Similar Part No. - GB-2423.1

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GB-2423.1 ROITHNER-GB-2423.1 Datasheet
215Kb / 11P
   The specification covers the appearance and characteristics of 850nm Laser Diode used as light sorce
More results

Similar Description - GB-2423.1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com