Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJB-128A Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # GJB-128A
Description  Multi-Quanyum Well (MQW) Laser Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GJB-128A Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  GJB-128A Datasheet HTML 1Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 2Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 3Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 4Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 5Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 6Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 7Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 8Page - Roithner LaserTechnik GmbH GJB-128A Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
03.08.2010
eld83npt5.doc
5 of 10
4. Reliability
4-1 The reliability of product satisfy all the items listed below.
Reliability
:90%
No.
Test
Test Conditions
Reference
Standard
Sampler
: n
Defective
C
LTPD
(%)
1
Solder ability
Soldering temperature
:250±5℃
Immersion
time
:5±0.5
second
brand iron should be grounded
GJB-128A
11
0
20
2
Terminal strength
(Tensile test)
Load
:5N Duration:10±1s
Once for each terminal
GB-4937
11
0
20
3
Terminal strength
(Bending test)
Load
:2.5N 0°~ 90°~ 0°~ 90°~0°
Once for each terminal
GB-4937
11
0
20
4
Mechanical
shock
Acceleration
:14,700m/s2
Pulse
width
:0.5ms Direction: X,Y,Z
Five times for each direction
GJB-548A
11
0
20
5
Variable
frequency
vibration
Acceleration
:196m/s2
Frequency
:20~2000~20Hz 4min
reciprocation
:X,Y and Z
Four
times for each direction
GJB-548A
11
0
20
6
Temperature
cycling
Lower temperature
:-40℃
Higher temperature
:+85℃
Duration
:5 times,stay for 3h,
switch time:3min
GB-2423.22
11
0
20
7
Sealing
Helium gas to detect fine leaks:
5
×10-3Pa·cm2/s、
In fluorocarbon liquid 125
±5℃ no bubble
GJB-128A
11
0
20
8
High
temperature
Storage temperature
:85℃
t
=96 H
GB-2423.2
11
0
20
9 Low temperature
Storage temperature
:-40℃
t
=96 H
GB-2423.1
11
0
20
10
Moisture
resistance
(temperature
humidity cycle)
Duration: From normal temperature up
to 55
℃ in 3h,stay for 9h,down to 25℃ in
3h stay for 9h.
Repeat 6 times.
(humidity is 95%)
GB-2423.4
11
0
20


Similar Part No. - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GJB-128A ROITHNER-GJB-128A Datasheet
215Kb / 11P
   The specification covers the appearance and characteristics of 850nm Laser Diode used as light sorce
More results

Similar Description - GJB-128A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
logo
Renesas Technology Corp
NX6314EH RENESAS-NX6314EH_15 Datasheet
205Kb / 7P
   LASER DIODE 1 310 nm InGaAsP MQW-DFB LASER DIODE
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX6414EH CEL-NX6414EH Datasheet
173Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
   1550nm 2.5G MQW-DFB Laser Diode
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
   1550nm MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
   1550nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
   1310nm 2.5G MQW-DFB Laser Diode Module
logo
Renesas Technology Corp
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com