Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6426CS-15 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # ML6426CS-15
Description  High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6426CS-15 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button ML6426CS-15 Datasheet HTML 3Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 4Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 5Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 6Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 7Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 8Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 9Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 10Page - Fairchild Semiconductor ML6426CS-15 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DATA SHEET
ML6426
REV. 3A August 2004
7
Typical Applications
Reconstruction filter selection for HDTV and
VGA signal filtering
The filtering requirements for HDTV and VGA standards
vary depending on the resolution of the image to be dis-
played, and its refresh rate. The actual refresh rate of the dis-
play is not necessarily the same as the transmission rate of
the frames of images. Some formats use a frame rate of
30Hz, but the display of those formats cannot be scanned
onto the CRT at 30Hz. Excessive large area flicker would
result. Such kinds of flicker can be seen on a PAL display
with its brightness set high. To avoid this, the video will need
to be stored in a frame buffer. This buffer already exists in
the MPEG decoder of HDTV systems, so there is no cost
penalty. The buffer is read out at twice the rate as the frame
rate for 30Hz systems, thus getting us a refresh rate of 60Hz.
Similar things are done for the 24Hz frame rate formats to
boost them to a 60Hz refresh rate.
Table 1. HDTV / Advanced TV Applications: (From Table 10.3 from ATSC document A54)
P=progressive scan, I=interlaced scan
Table 2. Choosing the Correct Reconstruction Filter and Video Amplifier for TV Applications, ML6426 options
P=progressive scan, I=interlaced scan, na = not available
Notes
1. NTSC display rates, can be fed directly into NTSC encoder (set top box)
2. 60 Hz also includes 59.94Hz
3. Custom frequencies ranging ± 3 to 6MHz can be special cut to order
Pixels
Vertical Lines
Aspect Ratio
Picture Transmission Rate
1920
1080
16:9
60I, 30P, 24P
1280
720
16:9
60P, 30P, 24P
704
480
16:9 and 4:3
60P, 60I, 30P, 24P
640
480
4:3
60P, 60I, 30P, 24P
1920
1080
30P, 24P
60Hz
70.6KHz
162MHz
81MHz
N/A
SMPTE
1280
720
60P, 30P,
24P
60Hz
47.1KHz
60MHz
30MHz
ML6426-5
ML6426-4
704
480 (Note 1)
60I
60Hz
15.7KHz
13.5MHz
6.75MHz
ML6426-1
704
480
60P, 30P,
24P
60Hz
31KHz
27MHz
13.5MHz
ML6426-2
ML6426-4
640
480 (Note 1)
60I
60Hz
15.7KHz
24.5MHz
12MHz
ML6426-2
640
480
60P, 30P,
24P
60Hz
31KHz
12.27MHz
6MHz
ML6426-1


Similar Part No. - ML6426CS-15

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426CS-15 MICRO-LINEAR-ML6426CS-15 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
More results

Similar Description - ML6426CS-15

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6408 FAIRCHILD-FMS6408 Datasheet
250Kb / 9P
   Triple Video Filter Driver for RGB and YUV Signals
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
logo
Texas Instruments
TLV5734 TI-TLV5734 Datasheet
300Kb / 17P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
TLV5734 TI1-TLV5734_10 Datasheet
294Kb / 20P
[Old version datasheet]   TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com