Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1393215-9 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1393215-9
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1393215-9 Datasheet(HTML) 1 Page - Tyco Electronics

  1393215-9 Datasheet HTML 1Page - Tyco Electronics 1393215-9 Datasheet HTML 2Page - Tyco Electronics 1393215-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
n
4kV coil-contact
n
Vertical and horizontal version
n
Version with bifurcated contacts
n
Wash tight
n
RoHS compliant (Directive 2002/95/EC)
Typical applications
I/O modules, heating control, timers
Approvals
VDE REG.-Nr. 5146, UL E214025
Technical data of approved types on request
Contact Data
8A
5A
bifurcated
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
5A
5A
Limiting making current,
max 4 s, duty factor 10%
15A
-
-
Breaking capacity max.
2000VA
1250VA
1250VA
Contact material
AgCdO,
AgNi0.15
AgNi0.15
AgNi20
Contact style
single
single
bifurcated
contact
contact
contact
Frequency of operation, with/without load
360/72000h-1
Operate/release time typ.
7/3ms
Bounce time typ., form A/form B
0.5/3ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
AgCdO
C (CO)
8A, 250VAC, resistive, 70°C
20x103
AgNi20
C (CO)
8A, 250VAC, resistive 70°C
20x103
AgCdO
A (NO)
8A, 250VAC, resistive, 70°C
20x103
AgNi20
A (NO)
8A, 250VAC, resistive, 70°C
30x103
AgNi0.15
A (NO)
5A, 250VAC, resistive, 70°C
20x103
Mechanical endurance
>20x106 operations
Coil Data
Coil voltage range
6 to 60VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±15%1)
mW
001
6
4.0
0.6
801)
450
002
12
8.0
1.2
3301)
436
006
24
16.0
2.4
1200
480
013
48
32.0
4.8
4700
490
023
60
40.0
6.0
7200
500
1) Coil resistance ±10%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥4/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI225V
Power PCB Relay Card E
F0151-B
Z
V


Similar Part No. - 1393215-9

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393215-9 TEC-1393215-9 Datasheet
332Kb / 3P
   Vertical and horizontal version
1393215-9 TEC-1393215-9 Datasheet
332Kb / 3P
   Vertical and horizontal version
1393215-9 TEC-1393215-9 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - 1393215-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0001-A101 MACOM-V23057-A0001-A101 Datasheet
193Kb / 3P
   Power PCB Relay Card E
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com