Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA431L Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # KA431L
Description  Programmable Shunt Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431L Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button KA431L Datasheet HTML 3Page - Fairchild Semiconductor KA431L Datasheet HTML 4Page - Fairchild Semiconductor KA431L Datasheet HTML 5Page - Fairchild Semiconductor KA431L Datasheet HTML 6Page - Fairchild Semiconductor KA431L Datasheet HTML 7Page - Fairchild Semiconductor KA431L Datasheet HTML 8Page - Fairchild Semiconductor KA431L Datasheet HTML 9Page - Fairchild Semiconductor KA431L Datasheet HTML 10Page - Fairchild Semiconductor KA431L Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431 / KA431A / KA431L Rev. 1.2.1
9
Physical Dimensions (Continued)
Figure 18. 3-Lead, TO-92, Molded, 0.200 in Line Spacing Lead Form
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/ZA/ZA03F.pdf.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/packing_dwg/PKG-ZA03F_BK.pdf.
D
TO-92 Ammo Type
D)
DRAWING FILENAME: MKT-ZA03FREV2.


Similar Part No. - KA431L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431L FAIRCHILD-KA431L Datasheet
90Kb / 12P
   Programmable Shunt Regulator
KA431L FAIRCHILD-KA431L Datasheet
1Mb / 13P
   Programmable Shunt Regulator
KA431L FAIRCHILD-KA431L Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431L FAIRCHILD-KA431L Datasheet
153Kb / 12P
   Programmable Shunt Regulator
KA431L FAIRCHILD-KA431L Datasheet
230Kb / 11P
   Programmable Shunt Regulator
More results

Similar Description - KA431L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com