Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7868 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7868
Description  5 x 5 mm Power Amplifier Module Linear Quad-Band GSM/EDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7868 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7868 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
GSM850/GSM900 PA performance specifications
– Conditions: Vbatt and Vcc = 3.5 V, pulse width = 1154
Ps, duty cycle = 25%, Ven_LB = High,T = 25° C other wise specified
Parameter
Condition
Min
Typ
Max
Unit
Operating Frequency Range
GSM850
GSM900
824
880
849
915
MHz
MHz
Quiescent Current
High power mode
120
150
180
mA
Medium power mode
70
90
110
mA
Low Power mode
6
8.5
11
mA
Ultra low power mode
6
8.5
11
mA
Maximum Output Power
GMSK High power mode
34.5
35
dBm
GMSK High power mode
(degraded power for over Vcc, over Temp)
32.5
dBm
EDGE High power mode (RMS power)
29
29.5
dBm
GMSK Medium power mode
30.5
31
dBm
GMSK Medium power mode
(over Vcc, over Temp)
28.5
dBm
EDGE Medium power mode
(RMS power)
23
dBm
GMSK Low power mode
(over Vcc, over Temp)
14
16
dBm
EDGE Low power mode (RMS power)
10
dBm
GMSK Ultra low power mode
(over Vcc, over Temp)
14
16
dBm
Power Added Efficiency
GMSK High power mode, Po = max
48
52
%
EDGE high power mode, Po = 29 dBm
25
28
%
GMSK medium power mode, Po = 30.5 dBm
33
36
%
Low Power mode , Po = 10 dBm
5
8
%
Ultra low power mode, Po = 8 dBm
4
6
%
Gain
High power mode, Po = 34.5 dBm
25.5
32
dB
High power mode, Po = 33.5 dBm
27
32
dB
Medium power mode, Po = 30.5 dBm
23.5
31
dB
Medium power mode, Po = 28.5 dBm
26.5
31
dB
Low Power mode, Po = 10 dBm
10
17
dB
Ultra low power mode, Po = 8 dBm
10
17
dB
Gain Compression
High power mode,
Po = 23.5 dBm ~ 33.5 dBm
0.8
1.3
dB
Gain Variation – Tc and Vbatt
(all modes of operation)
-25 ≤ Tc ≤ 90
:
3.2 V ≤ Vbatt ≤ 4.2 V
(fixed Pin at 3.5 V, 25° C condition)
-2.5
+2.5
dB
EDGE ACPR
High Power
Mode
Po ≤ 25 dBm**
Medium
Power Mode
Po ≤ 23 dBm
Low Power
Mode
Po ≤ 10 dBm
±400 kHz dBc
or dBm*
-57
-40
dBc/30 kHz
dBm/30 kHz
±600 kHz dBc
or dBm*
-64
-55
dBc/30 kHz
dBm/30 kHz
±3000 kHz dBc
or dBm*
-68
-50
dBc/100 kHz
dBm/100 kHz
±6000 kHz dBc
or dBm*
-74
-59
dBc/100 kHz
dBm/100 kHz


Similar Part No. - ACPM-7868

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7800 AVAGO-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7800 BOARDCOM-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
More results

Similar Description - ACPM-7868

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AP137-501 SKYWORKS-AP137-501 Datasheet
36Kb / 4P
   Quad-Band GSM Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com