Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23057-A0006-A201 Datasheet(PDF) 2 Page - Tyco Electronics

Part # V23057-A0006-A201
Description  Power PCB Relay Card E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23057-A0006-A201 Datasheet(HTML) 2 Page - Tyco Electronics

  V23057-A0006-A201 Datasheet HTML 1Page - Tyco Electronics V23057-A0006-A201 Datasheet HTML 2Page - Tyco Electronics V23057-A0006-A201 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay Card E (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +70°C
Category of environmental protection
IEC 61810
RTIII - wash tight
Terminal type
PCB-THT
Mounting distance
5mm
Weight
14g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/20 pcs., box/400 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
Vertical version
Horizontal version
Vertical version
Horizontal version
S0257-AH
S0257-AB
S0257-AI
S0257-AE
S0281-BI
S0280-AH


Similar Part No. - V23057-A0006-A201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0006-A201 MACOM-V23057-A0006-A201 Datasheet
193Kb / 3P
   Power PCB Relay Card E
V23057-A0006-A201 MACOM-V23057-A0006-A201 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
V23057-A0006-A201 TEC-V23057-A0006-A201 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

Similar Description - V23057-A0006-A201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23057-A0001-A101 MACOM-V23057-A0001-A101 Datasheet
193Kb / 3P
   Power PCB Relay Card E
2-1415354-1 MACOM-2-1415354-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-7 MACOM-2-1393215-7 Datasheet
522Kb / 3P
   Power PCB Relay Card E
V23057 MACOM-V23057 Datasheet
460Kb / 3P
   Power PCB Relay Card E
2-1393216-6 MACOM-2-1393216-6 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-1 MACOM-2-1393215-1 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-3 MACOM-2-1393215-3 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393215-5 MACOM-2-1393215-5 Datasheet
522Kb / 3P
   Power PCB Relay Card E
2-1393216-8 MACOM-2-1393216-8 Datasheet
522Kb / 3P
   Power PCB Relay Card E
RP78623 MACOM-RP78623 Datasheet
95Kb / 2P
   Accessories PCB Relay Card Relay E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com