Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7392-BLK Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7392-BLK
Description  UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7392-BLK Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7392-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-BLK Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Evaluation Board Schematic
Evaluation Board Description
1 Vcc1
2 RF In
3 Vbp
4 Vmode
5 Ven
Vcc2 10
GND 9
RF Out 8
GND 7
GND 6
Ven
Vmode0
RF In
Vcc1
Vcc2
RF Out
C1
100pF
C2
100pF
C7
2.2uF
C6
1000pF
C4
1000pF
C5
2.2uF
Vmode1
C3
100pF
C3
C2
C1
C4
C6
C5
C7
AVAGO
ACPM-7392
PYYWW
AAAAA


Similar Part No. - ACPM-7392-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392-BLK BOARDCOM-ACPM-7392-BLK Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results

Similar Description - ACPM-7392-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5004-TR1 BOARDCOM-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5004-TR1 AVAGO-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
   2100 System Rack Adapters and Cabinets
Revision 20-Nov-03
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Amphenol Corporation
00175110300 AMPHENOL-00175110300 Datasheet
689Kb / 2P
   Terminal Junctions Modules with Fast and Sealed Terminations Type 1750-1765
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
   ASS 2100 HS
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com