Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR7440PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFR7440PBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR7440PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFR7440PBF Datasheet HTML 1Page - International Rectifier IRFR7440PBF Datasheet HTML 2Page - International Rectifier IRFR7440PBF Datasheet HTML 3Page - International Rectifier IRFR7440PBF Datasheet HTML 4Page - International Rectifier IRFR7440PBF Datasheet HTML 5Page - International Rectifier IRFR7440PBF Datasheet HTML 6Page - International Rectifier IRFR7440PBF Datasheet HTML 7Page - International Rectifier IRFR7440PBF Datasheet HTML 8Page - International Rectifier IRFR7440PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRFR/U7440PbF
3
www.irf.com
© 2012 International Rectifier
October 17, 2012
S
D
G
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
280
–––
–––
S
Qg
Total Gate Charge
–––
89
134
nC
Qgs
Gate-to-Source Charge
–––
26
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
26
–––
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
63
–––
td(on)
Turn-On Delay Time
–––
11
–––
ns
tr
Rise Time
–––39–––
td(off)
Turn-Off Delay Time
–––
51
–––
tf
Fall Time
–––
34
–––
Ciss
Input Capacitance
–––
4610
–––
pF
Coss
Output Capacitance
–––
690
–––
Crss
Reverse Transfer Capacitance
–––
460
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
–––
855
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
1210
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 180™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
760
A
(Body Diode)
Ãd
VSD
Diode Forward Voltage
–––
0.9
1.3
V
trr
Reverse Recovery Time
–––
34
–––
ns TJ = 25°C
VR = 34V,
–––35–––
TJ = 125°C
IF = 90A
Qrr
Reverse Recovery Charge
–––
33
–––
nC TJ = 25°C
di/dt = 100A/μs
g
–––34–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
1.8
–––
A
TJ = 25°C
VDD = 20V
ID = 90A, VDS =0V, VGS = 10V
ID = 30A
RG = 2.7Ω
Conditions
VGS = 10V
g
VGS = 0V
Conditions
VDS = 10V, ID = 90A
ID =90A
VDS =20V
VGS = 10VÃg
VDS = 25V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 32V i See Fig. 12
VGS = 0V, VDS = 0V to 32V h
TJ = 25°C, IS = 90A, VGS = 0V
integral reverse
p-n junction diode.
MOSFET symbol
showing the


Similar Part No. - IRFR7440PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
   Brushed Motor drive applications
IRFR7440PBF IRF-IRFR7440PBF Datasheet
297Kb / 12P
   Brushed Motor drive applications
IRFR7440PBF IRF-IRFR7440PBF_15 Datasheet
297Kb / 12P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com