Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM830PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFHM830PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFHM830PBF Datasheet HTML 1Page - International Rectifier IRFHM830PBF Datasheet HTML 2Page - International Rectifier IRFHM830PBF Datasheet HTML 3Page - International Rectifier IRFHM830PBF Datasheet HTML 4Page - International Rectifier IRFHM830PBF Datasheet HTML 5Page - International Rectifier IRFHM830PBF Datasheet HTML 6Page - International Rectifier IRFHM830PBF Datasheet HTML 7Page - International Rectifier IRFHM830PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFHM830PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 50µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
80
Limited By Package


Similar Part No. - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF_15 Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
More results

Similar Description - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com