Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM830PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFHM830PBF
Description  Battery Operated DC Motor Inverter MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFHM830PBF Datasheet HTML 1Page - International Rectifier IRFHM830PBF Datasheet HTML 2Page - International Rectifier IRFHM830PBF Datasheet HTML 3Page - International Rectifier IRFHM830PBF Datasheet HTML 4Page - International Rectifier IRFHM830PBF Datasheet HTML 5Page - International Rectifier IRFHM830PBF Datasheet HTML 6Page - International Rectifier IRFHM830PBF Datasheet HTML 7Page - International Rectifier IRFHM830PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFHM830PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
8.0V
4.5V
3.8V
3.5V
3.3V
3.0V
BOTTOM
2.8V
≤60µs PULSE WIDTH
Tj = 25°C
2.8V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.8V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
4.5V
3.8V
3.5V
3.3V
3.0V
BOTTOM
2.8V
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60µs PULSE WIDTH
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
1020
3040
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 24V
VDS= 15V
VDS= 6.0V
ID= 20A
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 20A
VGS = 10V


Similar Part No. - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRFHM830PBF IRF-IRFHM830PBF_15 Datasheet
250Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
More results

Similar Description - IRFHM830PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLTS6342TRPBF IRF-IRLTS6342TRPBF Datasheet
232Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6342TRPBF IRF-IRL6342TRPBF Datasheet
273Kb / 8P
   Battery operated DC motor inverter MOSFET
IRL6372PBF IRF-IRL6372PBF Datasheet
278Kb / 8P
   Battery operated DC motor inverter MOSFET
IRLHM630PBF IRF-IRLHM630PBF Datasheet
266Kb / 8P
   Battery Operated DC Motor Inverter MOSFET
IRLHM620PBF IRF-IRLHM620PBF_15 Datasheet
236Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRF6201PBF IRF-IRF6201PBF_15 Datasheet
252Kb / 9P
   Battery operated DC motor inverter MOSFET
IRFH5300PBF IRF-IRFH5300PBF_15 Datasheet
266Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
IRL6342PBF IRF-IRL6342PBF_15 Datasheet
273Kb / 8P
   BATTERY OPERATED DC MOTOR INVERTER MOSFET
logo
Infineon Technologies A...
IRFHM830PBF INFINEON-IRFHM830PBF_V01 Datasheet
865Kb / 10P
   Battery Operated DC Motor Inverter MOSFET
2021-03-17
logo
International Rectifier
IRLHM630PBF IRF-IRLHM630PBF_15 Datasheet
241Kb / 9P
   Battery Operated DC Motor Inverter MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com