Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH6200TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH6200TRPBF
Description  Charge and discharge switch for battery application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH6200TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH6200TRPBF Datasheet HTML 1Page - International Rectifier IRFH6200TRPBF Datasheet HTML 2Page - International Rectifier IRFH6200TRPBF Datasheet HTML 3Page - International Rectifier IRFH6200TRPBF Datasheet HTML 4Page - International Rectifier IRFH6200TRPBF Datasheet HTML 5Page - International Rectifier IRFH6200TRPBF Datasheet HTML 6Page - International Rectifier IRFH6200TRPBF Datasheet HTML 7Page - International Rectifier IRFH6200TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRFH6200PbF
4
www.irf.com
October 12, 2012
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Mounting Base
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
CaseTemperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
ID = 150μA
ID = 500μA
ID = 1.0mA
ID = 1.0A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
DC
25
50
75
100
125
150
TC , Case Temperature (°C)
0
50
100
150
200
250
300
Limited By Package
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc


Similar Part No. - IRFH6200TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH6200PBF IRF-IRFH6200PBF Datasheet
239Kb / 8P
   HEXFETPower MOSFET
IRFH6200PBF IRF-IRFH6200PBF Datasheet
270Kb / 9P
   CHARGE AND DISCHARGE SWITCH FOR BETTERY APPLICATION
IRFH6200PBF IRF-IRFH6200PBF_15 Datasheet
270Kb / 9P
   CHARGE AND DISCHARGE SWITCH FOR BETTERY APPLICATION
More results

Similar Description - IRFH6200TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com