Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9317PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9317PBF
Description  Charge and Discharge Switch for Notebook PC Battery Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9317PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9317PBF Datasheet HTML 1Page - International Rectifier IRF9317PBF Datasheet HTML 2Page - International Rectifier IRF9317PBF Datasheet HTML 3Page - International Rectifier IRF9317PBF Datasheet HTML 4Page - International Rectifier IRF9317PBF Datasheet HTML 5Page - International Rectifier IRF9317PBF Datasheet HTML 6Page - International Rectifier IRF9317PBF Datasheet HTML 7Page - International Rectifier IRF9317PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/5/10
IRF9317PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 97465
Features and Benefits
Applications
Charge and Discharge Switch for Notebook PC Battery Application
Features
Resulting Benefits
SO-8
27
18
3
4
6
5
G
S
S
S
D
D
D
D
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.5
0.02
1.6
Max.
-16
-13
-130
± 20
-30
V
A
W
°C
Note
Form
Quantity
IRF9317PbF
SO8
Tube/Bulk
95
IRF9317TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
Industry-Standard SO8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
VDS
-30
V
RDS(on) max
(@VGS = -10V)
6.6
m
:
RDS(on) max
(@VGS = -4.5V)
10.2
m
:
Qg (typical)
31
nC
ID
(@TA = 25°C)
-16
A


Similar Part No. - IRF9317PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
More results

Similar Description - IRF9317PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
logo
Infineon Technologies A...
IRFHM8329PBF INFINEON-IRFHM8329PBF Datasheet
598Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRFH9310PBF IRF-IRFH9310PBF Datasheet
296Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com