Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT2-MV Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MCT2-MV
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2-MV Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MCT2-MV Datasheet HTML 1Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 2Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 3Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 4Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 5Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 6Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 7Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 8Page - Fairchild Semiconductor MCT2-MV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
6/15/05
WHITE PACKAGE (-M SUFFIX)
Page 1 of 15
© 2005 Fairchild Semiconductor Corporation
BLACK PACKAGE (NO -M SUFFIX)
6
1
6
1
6
1
6
1
6
6
1
1
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
DESCRIPTION
The MCT2XXX series optoisolators consist of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 6-pin
dual in-line package.
FEATURES
UL recognized (File # E90700)
VDE recognized (File # 94766)
– Add option V for white package (e.g., MCT2V-M)
– Add option 300 for black package (e.g., MCT2.300)
MCT2 and MCT2E are also available in white package by specifying -M suffix, eg. MCT2-M
APPLICATIONS
•Power supply regulators
Digital logic inputs
Microprocessor inputs
SCHEMATIC
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
4. EMITTER
5. COLLECTOR
6. BASE
2
1
3NC
5
6
4


Similar Part No. - MCT2-MV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Texas Instruments
MCT2 TI-MCT2 Datasheet
106Kb / 7P
[Old version datasheet]   OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2 INFINEON-MCT2 Datasheet
408Kb / 6P
   Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
ISOCOM COMPONENTS
MCT2 ISOCOM-MCT2 Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2-MV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com