Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUIRLR3110Z Datasheet(PDF) 2 Page - International Rectifier

Part # AUIRLR3110Z
Description  AUTOMOTIVE GRADE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRLR3110Z Datasheet(HTML) 2 Page - International Rectifier

  AUIRLR3110Z Datasheet HTML 1Page - International Rectifier AUIRLR3110Z Datasheet HTML 2Page - International Rectifier AUIRLR3110Z Datasheet HTML 3Page - International Rectifier AUIRLR3110Z Datasheet HTML 4Page - International Rectifier AUIRLR3110Z Datasheet HTML 5Page - International Rectifier AUIRLR3110Z Datasheet HTML 6Page - International Rectifier AUIRLR3110Z Datasheet HTML 7Page - International Rectifier AUIRLR3110Z Datasheet HTML 8Page - International Rectifier AUIRLR3110Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AUIRLR/U3110Z
2
www.irf.com
S
D
G
S
D
G
 Repetitive rating; pulse width limited by max. junction
temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C, L = 0.16mH,RG = 25Ω,
IAS = 38A, VGS =10V. Part not recommended for use above this
value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
Notes:
† This value determined from sample failure population. 100%
tested to this value in production.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material).
ˆ Rθ is measured at TJ approximately 90°C.
‰ Calculated continuous current based on maximum allowable
junction temperature. Bond wire current limit is 42A. Note that
current limitations arising from heating of the device leads may
occur with some lead mounting arrangements.
Static Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.077
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11
14
m
Ω
–––
12
16
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
gfs
Forward Transconductance
52
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
34
48
Qgs
Gate-to-Source Charge
–––
10
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
15
–––
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
33
–––
ns
tf
Fall Time
–––
48
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
3980
–––
Coss
Output Capacitance
–––
310
–––
Crss
Reverse Transfer Capacitance
–––
130
–––
pF
Coss
Output Capacitance
–––
1820
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
320
–––
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
–––
–––
63
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
34
51
ns
Qrr
Reverse Recovery Charge
–––
42
63
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 4.5V e
VDD = 50V
ID = 38A
RG = 3.7
Ω
TJ = 25°C, IS = 38A, VGS = 0V e
TJ = 25°C, IF = 38A, VDD = 50V
di/dt = 100A/μs
e
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 38A e
VDS = VGS, ID = 100μA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 4.5V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V f
VGS = 4.5V, ID = 32A e
VGS = 16V
VGS = -16V
VDS = 50V
VDS = 25V, ID = 38A
ID = 38A


Similar Part No. - AUIRLR3110Z

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
AUIRLR3110Z KERSEMI-AUIRLR3110Z Datasheet
1Mb / 13P
   Advanced Process Technology
logo
Infineon Technologies A...
AUIRLR3110Z INFINEON-AUIRLR3110Z Datasheet
719Kb / 12P
   Ultra Low On-Resistance
2015-10-29
More results

Similar Description - AUIRLR3110Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFZ48Z IRF-AUIRFZ48Z Datasheet
258Kb / 14P
   AUTOMOTIVE GRADE
logo
Kersemi Electronic Co.,...
IRFR4105ZTRL KERSEMI-IRFR4105ZTRL Datasheet
4Mb / 12P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRLR3105 IRF-AUIRLR3105 Datasheet
632Kb / 13P
   AUTOMOTIVE GRADE
logo
Infineon Technologies A...
AUIRF9952Q INFINEON-AUIRF9952Q Datasheet
329Kb / 11P
   AUTOMOTIVE GRADE
2015-10-5
AUIRF7379Q INFINEON-AUIRF7379Q Datasheet
355Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7341Q INFINEON-AUIRF7341Q Datasheet
427Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7319Q INFINEON-AUIRF7319Q Datasheet
371Kb / 11P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7304Q INFINEON-AUIRF7304Q Datasheet
523Kb / 9P
   AUTOMOTIVE GRADE
2015-11-16
logo
List of Unclassifed Man...
AUIRF1324 ETC2-AUIRF1324 Datasheet
438Kb / 11P
   AUTOMOTIVE GRADE
logo
International Rectifier
AUIRS2123S IRF-AUIRS2123S Datasheet
324Kb / 18P
   Automotive Grade
AUIRF2903Z IRF-AUIRF2903Z Datasheet
211Kb / 12P
   AUTOMOTIVE GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com