Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6416CS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ML6416CS
Description  S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML6416CS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ML6416CS Datasheet HTML 1Page - Fairchild Semiconductor ML6416CS Datasheet HTML 2Page - Fairchild Semiconductor ML6416CS Datasheet HTML 3Page - Fairchild Semiconductor ML6416CS Datasheet HTML 4Page - Fairchild Semiconductor ML6416CS Datasheet HTML 5Page - Fairchild Semiconductor ML6416CS Datasheet HTML 6Page - Fairchild Semiconductor ML6416CS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ML6416
PRODUCT SPECIFICATION
4
REV. 1.0.6 8/26/02
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min.
Max.
Units
DC Supply Voltage
–0.3
7
V
Analog & Digital I/O
GND – 0.3
VCC + 0.3
V
Output Current (Continuous)
CV Channel
C and Y Channels
60
30
mA
mA
Junction Temperature
150
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (
θJA)
115
°C/W
Parameter
Min.
Max.
Units
Temperature Range
0
70
°C
VCC Range
4.5
5.5
V
Electrical Characteristics
Unless otherwise specified, VCC = 5.0V ±10%, All inputs AC coupled with 100nF, TA = Operating Temperature Range
Symbol
Parameter
Conditions
Min. Typ. Max. Units
ICC
Supply Current
60
85
mA
VCC
Supply Range
4.5
5.0
5.5
V
AVYC
Low Frequency Gain (YOUT, COUT) at 400KHz
5.75
6.0
6.25
dB
AVRFMOD Low Frequency Gain (RFMOD)
at 400KHz
6.1
6.7
7.3
dB
AVCV
Low Frequency Gain (CVOUT)
at 400KHz
5.55
5.9
6.25
dB
COUT Output Level (During Sync)
Sync Present on YIN
1.6
2.0
2.4
V
YOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
CVOUT Output Level (During Sync)
Sync Present on YIN
0.75
1.0
1.25
V
RFMOD Output Level (During Sync) Sync Present on YIN
0.65
1.0
1.35
V
tCLAMP
Clamp Response Time (Y Channel)
Settled to Within 10mV, 0.1µF cap
on YIN and CIN
59
ms
f1dB
–1.0dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
No Peaking Cap (Note 1)
4.2
4.5
MHz
fC
–3dB Bandwidth (Flatness)
(YOUT, COUT, and CVOUT)
6.7
7.1
MHz
fSB
Stopband Rejection (YOUT, COUT,
and CVOUT)
fIN = 27MHz
-37
–42
dB
Vi
Input Signal Dynamic Range
(All Channels)
AC Coupled
1.2
1.4
VP-P
ISC
Output Short Circuit Current
(All Channels)
COUT, YOUT, CVOUT, RFMOD to
GND (Note 2)
40
80
mA


Similar Part No. - ML6416CS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML64168 OKI-ML64168 Datasheet
317Kb / 49P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results

Similar Description - ML6416CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
   S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406 Datasheet
26Kb / 1P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6406 FAIRCHILD-FMS6406_06 Datasheet
650Kb / 12P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
Micro Linear Corporatio...
ML6415 MICRO-LINEAR-ML6415 Datasheet
294Kb / 9P
   ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
ON Semiconductor
FMS6406 ONSEMI-FMS6406 Datasheet
706Kb / 14P
   Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Rev. 4.0.4
logo
Fairchild Semiconductor
FMS6404 FAIRCHILD-FMS6404 Datasheet
667Kb / 9P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
logo
ON Semiconductor
FMS6404 ONSEMI-FMS6404 Datasheet
789Kb / 11P
   Precision Composite Video Output with Sound Trap and Group Delay Compensation
Rev. 1.0.0
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
   S-Video Filter and 75 ??Line Drivers with Summed Composite Output
logo
Micro Linear Corporatio...
ML6428 MICRO-LINEAR-ML6428 Datasheet
240Kb / 11P
   S-Video Filter and 75廓 Line Drivers with Summed Composite Output
logo
Siemens Semiconductor G...
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com