Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4827IP-2 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ML4827IP-2
Description  Fault-Protected PFC and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4827IP-2 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ML4827IP-2 Datasheet HTML 1Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 2Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 3Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 4Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 5Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 6Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 7Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 8Page - Fairchild Semiconductor ML4827IP-2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ML4827
PRODUCT SPECIFICATION
5
REV. 1.0.1 6/27/01
Notes:
1. Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
2. Includes all bias currents to other circuits connected to the VFB pin.
3. Gain = K x 5.3V; K = (IGAINMOD - IOFFSET) x IAC x (VEAO - 1.5V)
-1.
PFC
Minimum Duty Cycle
VIEAO > 4.0V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%
Output Low Voltage
IOUT = –20mA
0.4
0.8
V
IOUT = –100mA
0.8
2.0
V
IOUT = 10mA, VCC = 8V
0.7
1.5
V
Output High Voltage
IOUT = 20mA
10
10.5
V
IOUT = 100mA
9.5
10
V
Rise/Fall Time
CL = 1000pF
50
ns
PWM
Duty Cycle Range
ML4827-1
0-44
0-47
0-50
%
ML4827-2
0-64
0-70
0-74
%
Output Low Voltage
IOUT = -20mA
0.4
0.8
V
IOUT = -100mA
0.8
2.0
V
IOUT = 10mA, VCC = 8V
0.7
1.5
V
Output High Voltage
IOUT = 20mA
10
10.5
V
IOUT = 100mA
9.5
10
V
Rise/Fall Time
CL = 1000pF
50
ns
Supply
Shunt Regulator Voltage
(VCCZ)
12.8
13.5
14.2
V
VCCZ Load Regulation
25mA < ICC < 55mA
±100
±300
mV
VCCZ Total Variation
Load, Temp
12.4
14.6
V
Start-up Current
VCC = 11.8V, CL = 0
0.7
1.0
mA
Operating Current
VCC < VCCZ - 0.5V, CL = 0
16
19
mA
Undervoltage Lockout
Threshold
12
13
14
V
Undervoltage Lockout
Hysteresis
2.7
3.0
3.3
V
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics (Continued)


Similar Part No. - ML4827IP-2

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827IP-2 MICRO-LINEAR-ML4827IP-2 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
More results

Similar Description - ML4827IP-2

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827 MICRO-LINEAR-ML4827 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4826 MICRO-LINEAR-ML4826 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4826 FAIRCHILD-ML4826 Datasheet
431Kb / 16P
   PFC and Dual Output PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com