Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7371 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7371
Description  UMTS 4x4 Power Amplifier (880-915MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7371 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7371 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image

Figure 9. Package Dimensional Drawing and Pin Descriptions (All dimensions are in millimeters)
Package Dimensions and Pin Descriptions
X-RAY BOTTOM VIEW
5
2
3
4
10
6
9
8
7
4.0 ± 0.1
Pin 1 Mark
0.70 TYP.
1
4.0 ± 0.1
1.1 ± 0.1
1.90 1.70
0.85
1.20
1.90
0.40
0.40
PIN DESCRIPTIONS
Pin # Name
Description
1
Ven
Enable Voltage
2
Vmode0
Control Voltage
3
Vmode1
Control Voltage
4
RFIn
RF Input
5
Vcc1
Supply Voltage
6
Vcc2
Supply Voltage
7
GND
Ground
8
RF Out
RF Output
9
GND
Ground
10
GND
Ground
SIDE VIEW
TOP VIEW


Similar Part No. - ACPM-7371

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372-BLK AVAGO-ACPM-7372-BLK Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Broadcom Corporation.
ACPM-7372-BLK BOARDCOM-ACPM-7372-BLK Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372-TR1 AVAGO-ACPM-7372-TR1 Datasheet
1Mb / 16P
   high efficiency at max output power
More results

Similar Description - ACPM-7371

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
ACPM-7381-TR1 BOARDCOM-ACPM-7381-TR1 Datasheet
1Mb / 18P
   UMTS2100 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com