Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7355-BLK Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7355-BLK
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7355-BLK Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7355-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Characteristics Data of Band5
(Vcc = 3.4V, Ven_Low = 2.6, Vbp, Vmode = 0V or 2.6V, T = 25°C, Zin/Zout = 50ohm, Rel99)
Total Current vs. Output Power
Gain vs. Output Power
Adjacent Channel Power Ratio 1 vs. Output Power
Adjacent Channel Power Ratio 2 vs. Output Power
Power Added Efficiency vs. Output Power
0
50
100
150
200
250
300
350
400
450
500
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz, 3.4V
837MHz, 3.4V
847MHz, 3.4V
-60
-55
-50
-45
-40
-35
-30
-5
0
5
10
15
20
25
30
Pout (dBm)
0
5
10
15
20
25
30
35
40
45
50
-5
0
5
10
15
20
25
30
Pout (dBm)
0
5
10
15
20
25
30
35
-5
0
5
10
15
20
25
30
Pout (dBm)
-70
-65
-60
-55
-50
-45
-40
-5
0
5
10
15
20
25
30
Pout (dBm)
824MHz, 3.4V
837MHz, 3.4V
847MHz, 3.4V
824MHz, 3.4V
837MHz, 3.4V
847MHz, 3.4V
824MHz, 3.4V
837MHz, 3.4V
847MHz, 3.4V
824MHz, 3.4V
837MHz, 3.4V
847MHz, 3.4V


Similar Part No. - ACPM-7355-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355-BLK BOARDCOM-ACPM-7355-BLK Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
More results

Similar Description - ACPM-7355-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7357 AVAGO-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band1/Band8)
ACPM-5205 AVAGO-ACPM-5205 Datasheet
327Kb / 13P
   UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
   UMTS-band 4W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com