Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER58100RKT Datasheet(PDF) 3 Page - Tyco Electronics

Part # ER58100RKT
Description  Type ER/ERV Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ER58100RKT Datasheet(HTML) 3 Page - Tyco Electronics

  ER58100RKT Datasheet HTML 1Page - Tyco Electronics ER58100RKT Datasheet HTML 2Page - Tyco Electronics ER58100RKT Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Literature No. 1773212
Issued: 11-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
High Power Resistors
Type ER/ERV Series
How to Order
ER
74
100R
J
T
Common Part
74 - 3W
58 - 7W
16 - 11W
17 - 14W
ER17 not
available in ERV
Power Rating
at 40°C
0.1 ohm
(100 milli ohms) R10
1 ohm
(1000 milli ohms)
1R0
1K ohm
(1000) ohms) 1K0
ResistanceValue
Tolerance
ER - Silicone
Coated
ERV - Silicone
Coated Vertical
Mount
D - ±0.5%
F - ±1%
G - ±2%
J - ±5%
K - ±10%
Pack Style
T - Ammo Packed
6P - 6mm Boot
(Boots on ERV
Only)
Taping Specification
Type
A Max
B ± 2.0
C ± 2.0
D Max
ER74
13.50
76.00
88.00
1.00
ER58
22.20
86.00
98.00
1.00
ER16
38.10
82.50
100.50
-
ER17
53.50
97.00
115.00
-
L - Loose
(Standard for
ER16 / ER17 only)


Similar Part No. - ER58100RKT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER58000 ETC-ER58000 Datasheet
1Mb / 3P
   Managed Hardened 8-port 10/100BASE M12 PoE with 2-port Gigabit M12/LC
logo
Axiomtek Co., Ltd.
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
ER58802-201HT AXIOMTEK-ER58802-201HT Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
ER58802-20EHT AXIOMTEK-ER58802-20EHT Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
ER58802-20HT AXIOMTEK-ER58802-20HT Datasheet
885Kb / 5P
   Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
More results

Similar Description - ER58100RKT

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER42 FERROXCUBE-ER42 Datasheet
44Kb / 3P
   ER cores
ER28 FERROXCUBE-ER28 Datasheet
44Kb / 3P
   ER cores
ER35 FERROXCUBE-ER35 Datasheet
44Kb / 3P
   ER cores
ER48 FERROXCUBE-ER48 Datasheet
42Kb / 3P
   ER cores
ER54 FERROXCUBE-ER54 Datasheet
44Kb / 3P
   ER cores
ER35W FERROXCUBE-ER35W Datasheet
41Kb / 3P
   ER cores
ER40 FERROXCUBE-ER40 Datasheet
44Kb / 3P
   ER cores
logo
Microsemi Corporation
ERF216B1 MICROSEMI-ERF216B1 Datasheet
39Kb / 1P
   3 AMP ENCAPSULATED ASSEMBLIES ER SERIES
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com