Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-7355-TR1 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7355-TR1
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7355-TR1 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7355-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Characteristics Data of Band2
(Vcc = 3.4V, Ven_Hi = 2.6, Vbp and Vmode = 0V or 2.6V, T = 25°C, Zin/Zout = 50ohm, Rel99)
Total Current vs. Output Power
Gain vs. Output Power
Adjacent Channel Power Ratio 1 vs. Output Power
Adjacent Channel Power Ratio 2 vs. Output Power
Power Added Efficiency vs. Output Power
0
50
100
150
200
250
300
350
400
450
500
-5
0
5
10
15
20
25
30
Pout (dBm)
1850M Hz, 3.4V
1880MHz, 3.4V
1910MHz, 3.4V
-60
-55
-50
-45
-40
-35
-30
-5
0
5
10
15
20
25
30
Pout (dBm)
0
5
10
15
20
25
30
35
40
45
50
-5
0
5
10
15
20
25
30
Pout (dBm)
0
5
10
15
20
25
30
35
-5
0
5
10
15
20
25
30
Pout (dBm)
-70
-65
-60
-55
-50
-45
-40
-5
0
5
10
15
20
25
30
Pout (dBm)
1850M Hz, 3.4V
1880M Hz, 3.4V
1910M Hz, 3.4V
1850M Hz, 3.4V
1880M Hz, 3.4V
1910M Hz, 3.4V
1850MHz, 3.4V
1880MHz, 3.4V
1910MHz, 3.4V
1850MHz, 3.4V
1880MHz, 3.4V
1910MHz, 3.4V


Similar Part No. - ACPM-7355-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355-TR1 BOARDCOM-ACPM-7355-TR1 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
More results

Similar Description - ACPM-7355-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7357 AVAGO-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band1/Band8)
ACPM-5205 AVAGO-ACPM-5205 Datasheet
327Kb / 13P
   UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
   UMTS-band 4W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com