Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4827CP-2 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ML4827CP-2
Description  Fault-Protected PFC and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4827CP-2 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4827CP-2 Datasheet HTML 5Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 6Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 7Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 8Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 9Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 10Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 11Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 12Page - Fairchild Semiconductor ML4827CP-2 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PRODUCT SPECIFICATION
ML4827
REV. 1.0.1 6/27/01
9
Error Amplifier Compensation
The PWM loading of the PFC can be modeled as a negative
resistor; an increase in input voltage to the PWM causes a
decrease in the input current. This response dictates the
proper compensation of the two transconductance error
amplifiers. Figure 2 shows the types of compensation net-
works most commonly used for the voltage and current error
amplifiers, along with their respective return points. The cur-
rent loop compensation is returned to VREF to produce a soft-
start characteristic on the PFC: as the reference voltage
comes up from zero volts, it creates a differentiated voltage
on IEAO which prevents the PFC from immediately
demanding a full duty cycle on its boost converter.
There are two major concerns when compensating the volt-
age loop error amplifier; stability and transient response.
Optimizing interaction between transient response and sta-
bility requires that the error amplifier’s open-loop crossover
frequency should be 1/2 that of the line frequency, or 23Hz
for a 47Hz line (lowest anticipated international power fre-
quency). The gain vs. input voltage of the ML4827’s voltage
error amplifier has a specially shaped nonlinearity such that
under steady-state operating conditions the transconductance
of the error amplifier is at a local minimum. Rapid perturba-
tions in line or load conditions will cause the input to the
voltage error amplifier (VFB) to deviate from its 2.5V (nomi-
nal) value. If this happens, the transconductance of the volt-
age error amplifier will increase significantly, as shown in the
Typical Performance Characteristics. This raises the gain-
bandwidth product of the voltage loop, resulting in a much
more rapid voltage loop response to such perturbations than
would occur with a conventional linear gain characteristic.
The current amplifier compensation is similar to that of the
voltage error amplifier with the exception of the choice of
crossover frequency. The crossover frequency of the current
amplifier should be at least 10 times that of the voltage
amplifier, to prevent interaction with the voltage loop. It
should also be limited to less than 1/6th that of the switching
frequency, e.g. 16.7kHz for a 100kHz switching frequency.
There is a modest degree of gain contouring applied to the
transfer characteristic of the current error amplifier, to
increase its speed of response to current-loop perturbations.
However, the boost inductor will usually be the dominant
factor in overall current loop response. Therefore, this con-
touring is significantly less marked than that of the voltage
error amplifier.
For more information on compensating the current and volt-
age control loops, see Application Notes 33 and 34. Applica-
tion Note 16 also contains valuable information for the
design of this class of PFC.
Oscillator (RAMP 1)
The oscillator frequency is determined by the values of RT
and CT, which determine the ramp and off-time of the oscil-
lator output clock:
The deadtime of the oscillator is derived from the following
equation:
at VREF = 7.5V:
The deadtime of the oscillator may be determined using:
The deadtime is so small (tRAMP >> tDEADTIME) that the oper-
ating frequency can typically be approximated by:
EXAMPLE:
For the application circuit shown in the data sheet, with the
oscillator running at:
Solving for RT x CT yields 2 x 10-4. Selecting standard com-
ponents values, CT = 470pF, and RT = 41.2k
Ω.
The deadtime of the oscillator adds to the Maximum PWM
Duty Cycle (it is an input to the Duty Cycle Limiter). With
zero oscillator deadtime, the Maximum PWM Duty Cycle is
typically 45% for the ML4827-1. In many applications of the
ML4827-1, care should be taken that CT not be made so
large as to extend the Maximum Duty Cycle beyond 50%.
This can be accomplished by using a stable 470pF capacitor
for CT.
f
OSC
1
t
RAMP
t
DEADTIME
+
---------------------------------------------------
=
(2)
t
RAMP
C
T
=
R
T
×
In
V
REF
1.25
V
REF
3.75
--------------------------------


×
(3)
t
RAMP
C
T
=
R
T
×
0.51
×
t
DEADTIME
2.5V
5.1mA
------------------
=
C
T
×
490
=
C
T
×
(4)
f
OSC
1
t
RAMP
----------------
=
(5)
f
OSC
100kHz
1
t
RAMP
----------------
==
t
RAMP
C
T
=
R
T
×
0.51
×
1
=
10
5
×


Similar Part No. - ML4827CP-2

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827CP-2 MICRO-LINEAR-ML4827CP-2 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
More results

Similar Description - ML4827CP-2

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4827 MICRO-LINEAR-ML4827 Datasheet
256Kb / 16P
   Fault-Protected PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
ML4826 MICRO-LINEAR-ML4826 Datasheet
296Kb / 16P
   PFC and Dual Output PWM Controller Combo
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4826 FAIRCHILD-ML4826 Datasheet
431Kb / 16P
   PFC and Dual Output PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com