Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603F150 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603F150
Description  SF-0603F Series - Fast Acting Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603F150 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603F150 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603F150 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603F150 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603F150 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single blow fuse for overcurrent
protection
1608 (EIA 0603) miniature footprint
Fast-acting fuse
UL certified
RoHS compliant* and halogen free**
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-0603F Series - Fast Acting Surface Mount Fuses
* RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
** Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
***Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 1 minute ..........................................200 % of its rated current
Interrupting Ability .................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 % ........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability.............................................. 95 % coverage minimum...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 % ........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective .............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance ................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 0603 F 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1608 (EIA 0603) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-500 (500 mA - 5.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
Model
Rated Current
(Amps)
Fusing Time
Resistance
(m
Ω) Typ.***
Rated Voltage
Breaking Capacity
Typical
I2t (A2s)
SF-0603F050
0.50
Open within 1
min. at 200 %
rated current
250
DC 50 V
DC 50 V
50 A
0.005
SF-0603F063
0.63
173
DC 32 V
DC 32 V
50 A
0.007
SF-0603F080
0.80
115
0.014
SF-0603F100
1.00
88
0.016
SF-0603F125
1.25
63
0.027
SF-0603F150
1.50
45
0.037
SF-0603F160
1.60
42
0.041
SF-0603F200
2.00
33
0.044
SF-0603F250
2.50
24
DC 24 V
DC 24 V
50 A
0.055
SF-0603F300
3.00
21
0.082
SF-0603F315
3.15
19
0.089
SF-0603F400
4.00
15
DC 32 V
DC 32 V
50 A
0.239
SF-0603F500
5.00
12
0.433
RATING CURRENT (A)
F = 0.50
I = 0.63
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
Y = 5.00
SinglFuseSF-0603F Series Features
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SF-0603F150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F150 BOURNS-SF-0603F150 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603F150 BOURNS-SF-0603F150 Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F150 BOURNS-SF-0603F150 Datasheet
366Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0603F150 BOURNS-SF-0603F150 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F150 BOURNS-SF-0603F150 Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0603F150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050-2 BOURNS-SF-0402F050-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com