Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPM-5208 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5208
Description  UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5208 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5208 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Evaluation Board Schematic
Evaluation Board Description
1 Vcc1
2 RF In
3 Vbp
4 Vmode
5 Ven
Vcc2 10
RF Out 9
GND 7
CPL 6
Ven
Vmode
RF In
Vcc1
Vcc2
Isolation
C1
100pF
C2
100pF
2.2uF
C6
C7
680pF
C4
680pF
C5
2.2uF
Vbp
C3
100pF
ISO 8
RF Out
Coupler
50ohm
C1
C2
C3
C4
C6
C5
C7
A5208
PYYWW
AAAAA


Similar Part No. - ACPM-5208

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-BLK AVAGO-ACPM-5201-BLK Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201-BLK BOARDCOM-ACPM-5201-BLK Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-TR1 AVAGO-ACPM-5201-TR1 Datasheet
329Kb / 13P
   Excellent Linearity
More results

Similar Description - ACPM-5208

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7371 AVAGO-ACPM-7371 Datasheet
877Kb / 15P
   UMTS 4x4 Power Amplifier (880-915MHz)
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-TR1 AVAGO-ACPM-5002-TR1 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com