Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL-80Y01TX Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # ADL-80Y01TX
Description  Pumps for solid state lasers Miniature low power green laser Medical use
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-80Y01TX Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  ADL-80Y01TX Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-80Y01TX Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AlGaAs Invisible Laser Diode
ADL-80Y01TX/TZ
2004/05 ver. 1.0
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
50
oC
40
oC
30
oC
20
oC
10
oC
L-I Curve vs. Temperature
Operation Current (mA)
10
20
30
40
50
0
20
40
60
80
100
Threshold Current vs. Case Temperature
Case Temperature (degree)
10
20
30
40
50
0.8
0.9
1.0
1.1
1.2
Differential Efficiency vs. Case Temperature
Case Temperature (degree)
10
20
30
40
50
780
790
800
810
820
830
Oscillation Wavelength vs. Case Temperature
Case Temperature (degree)
-30
-20
-10
0
10
20
30
Power Dependence of Far Field Pattern
Po = 200mW
Po = 150mW
Po = 100mW
Po = 50mW
Angle (degree)
790
795
800
805
810
815
820
0
2000
4000
6000
8000
10000
12000
Power Dependence of Wavelength
Oscillation Wavelength (nm)


Similar Part No. - ADL-80Y01TX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ADL-80Y04TZ-1 ROITHNER-ADL-80Y04TZ-1 Datasheet
218Kb / 2P
   Pumping source for DPSS green laser Medical applications
More results

Similar Description - ADL-80Y01TX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMGL-515 ROITHNER-RLTMGL-515 Datasheet
233Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-457 ROITHNER-RLTMLL-457 Datasheet
176Kb / 3P
   Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
   Green Diode Pumped Solid State Laser
RLTMSL-532 ROITHNER-RLTMSL-532 Datasheet
452Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
   Green Diode Pumped Solid State Laser
logo
Sensortechnics GmbH
LD80R4S-A SENSORTECHNICS-LD80R4S-A Datasheet
633Kb / 4P
   Solid State Laser Pumping
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com