Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMP25C3P-JK87 Datasheet(PDF) 5 Page - ITT Industries

Part # DCMP25C3P-JK87
Description  A Historical Achievement of Technology Leadership
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMP25C3P-JK87 Datasheet(HTML) 5 Page - ITT Industries

  DCMP25C3P-JK87 Datasheet HTML 1Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 2Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 3Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 4Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 5Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 6Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 7Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 8Page - ITT Industries DCMP25C3P-JK87 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
5
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Cannon Combo D®
Specifications
Connector Assembly
Description
Material
Finish/Treatment
Shell
Carbon Steel
Tin-Nickel (Industrial), Chromate/Zinc (Military)*
Insulator
Black Polyester, UL94V-0
None
Pin Contact
CopperAlloy
Gold over Nickel
Socket Contact
CopperAlloy
Gold over Nickel
Standoff
Steel
Trivalent Chromate over Zinc
Bracket
Steel
Tin
Rivnut
Steel
Tin
Boardlock
CopperAlloy
Tin
Coaxial/High Power/High Voltage Contact Assemblies
Contacts and outer shells
CopperAlloy
Gold over Nickel
Ring, Retaining
CopperAlloy
Nickel
Insulator (Coaxial only)
Teflon
None
Insulator (High Voltage only)
Thermoplastic
none
Materials and Finishes
Combination D Subminiature connectors for the advan-
tages of an industry standard shield I/O interconnect, with
the flexibility of a customized special, designed for any
application.
This connector system is ideal for applications that require
optimization of space while improving overall shielding.
Combo D® accomplishes this by combining multiple
interconnect types into one fully shielded product,
decreasing the number I/O interfaces and reducing the
possibility of EMI/RFI leakage.
Applications
• Video Coaxial Transmission (75 )
• RF and Telecom Transmission (50 )
• Power interconnects (Up to 40A)
Product Features
• Standard and European Footprints
• Pre-installed 75 /50 Coaxial or High Power contacts (One
Part Number)
• Vertical Standoffs or 90° Brackets
• 90° or Straight PCB
• PC Boards up to 3,2 (.125) Thick
• PCB VariantsAvailable with Boardlocks and/or Screw Locks
(#4-40 or M3)
• Fiber Optics (PhD)
• High Voltage up to 2800 VAC
Standard materials & finishes
Coaxial VSWR
Less than 1.40 + .03F for F up to 1GHz
Coaxial Insertion Loss .2dB loss at 1 GHz
High Power current Rating Up to 40 A
High Power
Dielectric Withstanding Voltage 1000 VAC at Sea Level
High Voltage Current Rating 5 A
High Voltage Contact
Dielectric Withstanding Voltage 2800 V at Sea Level
Temperature Rating –55°C to 125°C
Signal Contact Current Rating 7.5 A current capacity
Signal Contact Resistance 55 millivolt max. at 7.5 test current
Signal Contact
Dielectric Withstanding Voltage 1250 VAC at Sea Level
Coaxial Current Rating 5 A
Coaxial Dielectric Withstanding Voltage
1000 VAC at Sea Level
Coaxial Impedance 75 or 50
* Cadmium and StainlessAlsoAvailable


Similar Part No. - DCMP25C3P-JK87

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DCMP25C3P-JK87 ITT-DCMP25C3P-JK87 Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DCMP25C3P-JK87 ITT-DCMP25C3P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
More results

Similar Description - DCMP25C3P-JK87

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DCMM8W8P ITT-DCMM8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DDMN-50P-N-K87 ITT-DDMN-50P-N-K87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
M85049 ITT-M85049 Datasheet
2Mb / 28P
   A Historical Achievement of Technology Leadership
DBMC13C3SJA197 ITT-DBMC13C3SJA197 Datasheet
4Mb / 103P
   A Historical Achievement of Technology Leadership
192990-0350 ITT-192990-0350_11 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
DCMM-8W8P ITT-DCMM-8W8P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com