Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9969ADCCQ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9969ADCCQ
Description  Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9969ADCCQ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9969ADCCQ Datasheet HTML 3Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 4Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 5Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 6Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 7Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 8Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 9Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 10Page - Maxim Integrated Products MAX9969ADCCQ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Dual, Low-Power, 1200Mbps ATE
Driver/Comparator with 35mA Load
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +9.75V, VEE = -4.75V, VCCO_ = +2.5V, SC1 = SC0 = 0, VCPHV_ = +7.2V, VCPLV_ = -2.2V, VLDH_ = VLDL_ = 0, VGS = 0, TJ =
+85°C, unless otherwise noted. All temperature coefficients are measured at TJ = +60°C to +100°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPARATORS (Note 8)
DC CHARACTERISTICS
Input Voltage Range
VIN
(Note 4)
-1.5
+6.5
V
Differential Input Voltage
VDIFF
±8
V
Hysteresis
VHYST
0mV
MAX9969A
±20
Input Offset Voltage
VOS
VDUT_ = 1.5V
MAX9969B
±100
mV
Input Offset Voltage Temperature
Coefficient
±10
µV/°C
Common-Mode Rejection Ratio
CMRR
VDUT_ = -1.5V, +6.5V (Note 21)
±0.25
±2
mV/V
VDUT_ = 1.5V, 3V
±3
Linearity Error
(Note 10)
VDUT_ = -1.5V, +6.5V
±10
mV
Power-Supply Rejection Ratio
PSRR
VDUT_ = 1.5V (Note 11)
±0.035
±2
mV/V
AC CHARACTERISTICS (Note 22)
Term mode, tR = tF = 150ps
2
3
Bandwidth
High-impedance mode
0.65
0.75
GHz
MAX9969_LCCQ
and MAX9969_RCCQ
500
650
Minimum Pulse Width
tPW(MIN)
(Note 23)
MAX9969_DCCQ
and MAX9969_GCCQ
600
ps
Prop Delay
tPDL
1.0
1.3
1.6
ns
Prop Delay Temperature
Coefficient
+1.7
ps/°C
Prop Delay Match, High/Low vs.
Low/High
±10
±50
ps
Prop Delay Match High vs. Low
Comparator
±50
ps
Prop Delay Match, Comparators
within Package
(Note 16)
±80
ps
Prop Delay Dispersion vs.
Common-Mode Input
VCHV_ = VCLV_ = -1.4V to +6.4V
(Note 24)
40
60
ps
VCHV_ = VCLV_ = 0.1V to 0.9V,
VDUT_ = 1VP-P, tR = tF = 250ps,
10% to 90% relative to timing at 50% point
±40
±60
Prop Delay Dispersion vs.
Overdrive
VCHV_ = VCLV_ = 40mV to 160mV,
VDUT_ = 0.2VP-P, tR = tF = 150ps,
10% to 90% relative to timing at 50% point
±40
±60
ps
Prop Delay Dispersion vs.
Pulse Width
0.6ns to 24.4ns pulse width, relative to
12.5ns pulse width
±30
±50
ps


Similar Part No. - MAX9969ADCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
   Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results

Similar Description - MAX9969ADCCQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
   Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
   Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
   Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
   Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
KODENSHI_AUK CORP.
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
   Low Power Dual Comparator
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com