Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19710 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX19710
Description  10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19710 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX19710 Datasheet HTML 2Page - Maxim Integrated Products MAX19710 Datasheet HTML 3Page - Maxim Integrated Products MAX19710 Datasheet HTML 4Page - Maxim Integrated Products MAX19710 Datasheet HTML 5Page - Maxim Integrated Products MAX19710 Datasheet HTML 6Page - Maxim Integrated Products MAX19710 Datasheet HTML 7Page - Maxim Integrated Products MAX19710 Datasheet HTML 8Page - Maxim Integrated Products MAX19710 Datasheet HTML 9Page - Maxim Integrated Products MAX19710 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
10-Bit, 7.5Msps, Full-Duplex
Analog Front-End
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 7.5MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output,
CREFP = CREFN = CCOM = 0.33µF, CL < 5pF on all aux-DAC outputs, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AD1 = 0 (default)
2.048
Full-Scale Reference
VREF
AD1 = 1
VDD
V
Analog Input Range
0 to
VREF
V
Analog Input Impedance
Measured at DC
500
k
Ω
Input-Leakage Current
Measured at unselected input from 0 to
VREF
±0.1
µA
Gain Error
GE
Includes reference error, AD1 = 0
-5
+5
%FS
Zero-Code Error
ZE
±2
mV
Differential Nonlinearity
DNL
±0.6
LSB
Integral Nonlinearity
INL
±0.6
LSB
Supply Current
210
µA
AUXILIARY DACs (DAC1, DAC2, DAC3)
Resolution
N
12
Bits
Integral Nonlinearity
INL
From code 100 to code 4000
±1.25
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic over code 100 to
code 4000 (Note 2)
-1.0
±0.65
+1.2
LSB
Output-Voltage Low
VOL
RL > 200k
Ω
0.2
V
Output-Voltage High
VOH
RL > 200k
Ω
2.57
V
DC Output Impedance
DC output at midscale
4
Ω
Settling Time
From code 1024 to code 3072, within ±10
LSB
1µs
Glitch Impulse
From code 0 to code 4095
24
nVs
Rx ADC–Tx DAC TIMING CHARACTERISTICS
CLK Rise to Channel-I Output Data
Valid
tDOI
Figure 3 (Note 2)
5.5
8.2
11.5
ns
CLK Fall to Channel-Q Output
Data Valid
tDOQ
Figure 3 (Note 2)
6.5
9.3
13.0
ns
I-DAC DATA to CLK Fall Setup
Time
tDSI
Figure 5 (Note 2)
10
ns
Q-DAC DATA to CLK Rise Setup
Time
tDSQ
Figure 5 (Note 2)
10
ns
CLK Fall to I-DAC Data Hold Time
tDHI
Figure 5 (Note 2)
0
ns
CLK Rise to Q-DAC Data Hold
Time
tDHQ
Figure 5 (Note 2)
0
ns
CLK Duty Cycle
50
%
CLK Duty-Cycle Variation
±15
%
Digital Output Rise/Fall Time
20% to 80%
2.4
ns


Similar Part No. - MAX19710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVCMODU++ MAXIM-MAX19710EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT MAXIM-MAX19710EVKIT Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT++ MAXIM-MAX19710EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19710

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com