Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC7448HX867N Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # PPC7448HX867N
Description  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC7448HX867N Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button PPC7448HX867N Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC7448HX867N Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
11
Document Revision History
Document Revision History
Table B provides a revision history for this part number specification.
Table B. Document Revision History
Revision
Date
Substantive Change(s)
6
3/2007
Added MC7448HX800N
x, MC7448VS800Nx, MC7448VU800Nx, PPC7448HX800Nx,
PPC7448VS800N
x, and PPC7448VU800Nx to the first page list of Freescale Part Numbers
Affected.
Table A: Added MC7448HX800Nx, MC7448VS800Nx, MC7448VU800Nx, PPC7448HX800Nx,
PPC7448VS800Nx, and PPC7448VU800Nx rows.
Section 4, “General Parameters”: Added 800 MHz information.
Table 4: Added 800 MHz to the 600 - 1000 MHz column.
Table 7: Combined 600 MHz and 667 MHz columns (same specifications); added 800 MHz to
867 MHz column (same specifications).
Table 8: Added 800 MHz column with associated specifications.
Table 11: Added 800 MHz row.
Table 17: Added 800 MHz to the 600 - 1000 MHz Processor Frequency cell.
5
10/2006
Added revision level D device information.
Table A and in list of Freescale Part Numbers Affected on first page: x stands for C or D revision
level.
Added PPC7448HX1267N
x, PPC7448VS1267Nx, and PPC7448VU1267Nx to the first page list
of Freescale Part Numbers Affected.
Table A: Added PPC7448HX1267NC, PPC7448HX1267ND, PPC7448VS1267NC,
PPC7448VS1267ND, PPC7448VU1267NC, and PPC7448VU1267ND rows.
Section 4, “General Parameters”: Added 1267 MHz revision level D information.
Table 4: Added 1267 MHz revision D only column.
Table 17: Removed specification modifier ‘T’ column.
Table 17: Added PVR and 1267 information for revision level D.
Figure 23: Removed ‘T’ from part numbering.
4
6/2006
Added support for voltage and frequency derating for 1267 MHz devices.
3
4/2006
Added 1267 MHz device.
Increased VDD and AVDD specifications for 1400 MHz devices with date code 0613 and later.
2
1/2006
Table 7: Corrected processor frequency from 867 MHz to 667 MHz (867 MHz appeared twice)
so that top row shows 600 MHz, 667 MHz, 867 MHz, 1000 MHz, 1250 MHz, 1400 MHz.
1
12/2005
Table 7: Added power specifications for low power modes and for Typical – Thermal condition,
changed name of “Typical” power specification to “Typical – Nominal”.
Table 8: Added minimum core frequency and DFS mode frequency information.
Table 11: Added voltage derating information for 1400 MHz devices; this feature is not supported
at this time for other speed grades.
Added Section 9.3 (for clarification only).
Table 17: Corrected part revision information, added “PPC” product code prefix.
0
9/2005
Initial release.


Similar Part No. - PPC7448HX867N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PPC7448HX867NX NXP-PPC7448HX867NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Similar Description - PPC7448HX867N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com