Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4818CP Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # ML4818CP
Description  Phase Modulation/Soft Switching Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4818CP Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4818CP Datasheet HTML 5Page - Fairchild Semiconductor ML4818CP Datasheet HTML 6Page - Fairchild Semiconductor ML4818CP Datasheet HTML 7Page - Fairchild Semiconductor ML4818CP Datasheet HTML 8Page - Fairchild Semiconductor ML4818CP Datasheet HTML 9Page - Fairchild Semiconductor ML4818CP Datasheet HTML 10Page - Fairchild Semiconductor ML4818CP Datasheet HTML 11Page - Fairchild Semiconductor ML4818CP Datasheet HTML 12Page - Fairchild Semiconductor ML4818CP Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRODUCT SPECIFICATION
ML4818
REV. 1.0.3 6/21/01
9
Since the per cycle charge on RCRESET is proportional to how
early in the power cycle the over-current occurs, a reset will
occur more quickly under output short circuit conditions
(Figures 11a and 11b) than during a load surge (Figures 11c
and 11d).
When the soft start reset occurs, the output is inhibited and
the soft start capacitor is discharged. The output will remain
off until CRST discharges to 1.3V through RRST, providing a
reset delay. When the IC restarts, the error amplifier output
voltage is limited to the voltage at SOFT START, thus limit-
ing the duty cycle.
Under-Voltage Lockout
On power up, when VCC is below 16V, the IC draws very lit-
tle current (1.1mA typ.) and VREF is disabled. When VCC rises
above 16V, the IC becomes active and VREF is enabled and
will stay in that condition until VCC falls below 10.2V. (see
Figure 12).
Figure 11a, 11b. ILIMIT and Resulting RCRESET
Waveforms During Short Circuit
Figure 11c, 11d. ILIMIT and Resulting RCRESET
Waveforms During Load Surge
Figure 12. Under-Voltage Lockout and Reference Circuits
Figure 13. Supply Current vs. Temperature (°C)
1V
3.4V
V(PIN 4)
V(PIN 12)
1V
3.4V
V(PIN 4)
V(PIN 12)
INHIBIT
OUTPUTS
+
+
20
24
INTERNAL
BIAS
4V
TO LOGIC
CIRCUITS
5V
VREF
9V
VCC
POWER
DOWN
70
68
66
64
62
60
58
56
54
52
50
–75
–25
25
75
125
175
TEMPERATURE


Similar Part No. - ML4818CP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4818CP MICRO-LINEAR-ML4818CP Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results

Similar Description - ML4818CP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
   BiCMOS Phase Modulation/Soft Switching Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
   3-PHASE PULSE WIDTH MODULATION ENGINE
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
   Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
   Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
   Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
   Exterior light endure by phase-modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com