Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS18281-2 Datasheet(PDF) 1 Page - ITT Industries

Part # MS18281-2
Description  CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MS18281-2 Datasheet(HTML) 1 Page - ITT Industries

  MS18281-2 Datasheet HTML 1Page - ITT Industries MS18281-2 Datasheet HTML 2Page - ITT Industries MS18281-2 Datasheet HTML 3Page - ITT Industries MS18281-2 Datasheet HTML 4Page - ITT Industries MS18281-2 Datasheet HTML 5Page - ITT Industries MS18281-2 Datasheet HTML 6Page - ITT Industries MS18281-2 Datasheet HTML 7Page - ITT Industries MS18281-2 Datasheet HTML 8Page - ITT Industries MS18281-2 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
AMSC N/A
FSC 5935
MIL-DTL-24308G
w/AMENDMENT 2
1 August 2012
SUPERSEDING
MIL-DTL-24308G
w/AMENDMENT 1
25 January 2011
DETAIL SPECIFICATION
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL,
MINIATURE, POLARIZED SHELL, RACK AND PANEL,
GENERAL SPECIFICATION FOR
This specification is approved for use by all Departments and Agencies of the Department of Defense.
1. SCOPE
1.1 Scope. This specification covers the requirements for nonenvironmental, polarized shell, miniature, rack and
panel connectors having pin and socket, crimp (removable), solder (nonremovable), or insulation displacement
(nonremovable) contacts with rigid or float mounting, designed for -55°C to +125°C operating temperature range.
1.2 Part or Identifying Number (PIN). The PIN is to consist of the letter "M", the basic number of the specification
sheet, an assigned dash number and a suffix letter for the finish if applicable (see 3.1):
M
24308/1
-1
F
Military designation
Specification
Dash number
Finish (see note 1)
sheet number
For class G:
A = Pure electrodeposited aluminum.
F = Cadmium (see note 2).
K = Zinc nickel.
T = Nickel Fluorocarbon Polymer.
Z = Zinc (see note 3).
For class N:
A = Pure electrodeposited aluminum.
F = Cadmium (see note 2).
K = Zinc nickel
T = Nickel Fluorocarbon Polymer.
P = Passivated stainless steel.
Z = Zinc (see note 3).
For class H:
Class H connectors have a tin finish, no suffix required
For class M:
Class M connectors have a gold finish,
no suffix is required.
For classes D and K:
Class D and class K connectors have a nickel.
finish, no suffix is required.
NOTES:
1. Prior to 1 July 1987, a suffix for finish was not included in the PIN.
2. A “F” suffix PIN is to be used for connectors with a cadmium finish and made after 1 July 1987.
3. Manufactures and their selling agents and distributors may ship stock of “No Suffix” zinc finished connectors
no more than 6 months from the date of this document.
INCH-POUND
Comments, suggestions, or questions on this document should be addressed to DLA Land and Maritime,
ATTN: VAI, P.O. Box 3990, Columbus, OH 43218-3990 or email RectangularConnector@dla.mil. Since
contact information can change, you may want to verify the currency of this address information using the
ASSIST Online database at https://assist.dla.mil/.


Similar Part No. - MS18281-2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MS18 PANJIT-MS18 Datasheet
109Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS18 KISEMICONDUCTOR-MS18 Datasheet
5Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Mospec Semiconductor
MS18 MOSPEC-MS18 Datasheet
129Kb / 2P
   Surface Mount Schottky Barrier rectifiers
logo
Tyco Electronics
MS18-1006 MACOM-MS18-1006 Datasheet
123Kb / 2P
   High Performance Solid State Relay
logo
Glenair, Inc.
MS18062 GLENAIR-MS18062 Datasheet
60Kb / 1P
   Military Standard Connector Index
More results

Similar Description - MS18281-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPXBMA-A106-33S-0001 ETC2-DPXBMA-A106-33S-0001 Datasheet
748Kb / 34P
   one-piece shell miniature rack/panel connectors
logo
Vishay Siliconix
SM20 VISHAY-SM20 Datasheet
216Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 15-Feb-07
SM20 VISHAY-SM20_09 Datasheet
850Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
Revision: 05-May-09
SM20 VISHAY-SM20_V01 Datasheet
856Kb / 5P
   Rack and Panel Connectors Subminiature Rectangular
01-Jan-2022
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
   Miniature Rack and Panel
logo
Hirose Electric
QRP8-12P-C HIROSE-QRP8-12P-C_09 Datasheet
280Kb / 5P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
QR-P8 HIROSE-QR-P8 Datasheet
247Kb / 4P
   Ultra-small Rectangular Multi-electrode Solderless Connectors for Rack and Panel Applications
QRP6-12P-C HIROSE-QRP6-12P-C Datasheet
203Kb / 4P
   RECTANGULAR MINIATURE MULTI-CONTACT RACK/PANEL CRIMP CONNECTOR
QR-P6 HIROSE-QR-P6 Datasheet
247Kb / 4P
   RECTANGULAR MINIATURE MULTI-CONTACT RACK-PANEL CRIMP CONNECTOR
QRP8-12P-C HIROSE-QRP8-12P-C Datasheet
202Kb / 4P
   Ultra-small Rectangular Multi-electrode solderless Connectors for Rack and Panel Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com