Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC2006 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRFIC2006
Description  900 MHz 2 STAGE PA SILICON MONOLITHIC INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRFIC2006 Datasheet(HTML) 2 Page - Motorola, Inc

  MRFIC2006 Datasheet HTML 1Page - Motorola, Inc MRFIC2006 Datasheet HTML 2Page - Motorola, Inc MRFIC2006 Datasheet HTML 3Page - Motorola, Inc MRFIC2006 Datasheet HTML 4Page - Motorola, Inc MRFIC2006 Datasheet HTML 5Page - Motorola, Inc MRFIC2006 Datasheet HTML 6Page - Motorola, Inc MRFIC2006 Datasheet HTML 7Page - Motorola, Inc MRFIC2006 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRFIC2006
2
MOTOROLA RF DEVICE DATA
RECOMMENDED OPERATING RANGES
Parameter
Symbol
Value
Unit
Supply Voltage Ranges
VCC1, VCC2
1.8 to 4.0
Vdc
Bias Voltage Range
Vbias
0 to 5.0
Vdc
RF Frequency Range
f
500 to 1000
MHz
ELECTRICAL CHARACTERISTICS (VCC1, VCC2, Vbias = 3.0 V, TA = 25°C, f = 900 MHz, Zo = 50 Ω unless otherwise noted)
Characteristics (1)
Min
Typ
Max
Unit
Supply Current — Total
46
55
mA
ICC1
14
mA
ICC2
29
mA
I Bias
3.0
mA
Small Signal Gain
19
23
26
dB
Input Return Loss, RF IN Port
15
dB
Output Return Loss, RF OUT Port
15
dB
Reverse Isolation
35
dB
Output Power at 1.0 dB Gain Compression
+12
+15.5
dBm
3rd Order Intercept Point (Out)
+25
dBm
5th Order Intercept Point (Out)
+21
dBm
NOTE:
1. All electrical characteristics measured in test circuit schematic shown in Figure 1 below.
Figure 1. Typical Biasing Configuration
C1, C2 — 100 pF Chip Capacitor
C3, C5 — 1.0 nF Chip Capacitor
C4 — 10 nF Chip Capacitor
L1 — 150 nH Chip Inductor
L2 — 10 nH Chip Inductor
R1 — Resistor Optional
RF Connectors — SMA Type
Board Material — Epoxy/Glass
εr = 4.5,
Dielectric Thickness = 0.014
″ (0.36 mm)
VCC2
4
+
RF IN
50
C1
DUT
C2
RF OUT
50
3
2
1
5
6
7
8
VCC1 +
Vbias +
C3
L1
R1
C4
C5
L2


Similar Part No. - MRFIC2006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
   900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
More results

Similar Description - MRFIC2006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2004 MOTOROLA-MRFIC2004 Datasheet
179Kb / 7P
   900 MHz DRIVER & RAMP SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2002 MOTOROLA-MRFIC2002 Datasheet
184Kb / 6P
   900 MHz TX-MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
   900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
   900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC0904 MOTOROLA-MRFIC0904 Datasheet
147Kb / 8P
   900 MHz GaAs TWO STAGE DRIVER AMP INTEGRATED CIRCUIT
MRFIC0914 MOTOROLA-MRFIC0914 Datasheet
127Kb / 6P
   900 MHz PAGING POWER AMPLIFIER Si MONOLITHIC INTEGRATED CIRCUIT
MRFIC0913 MOTOROLA-MRFIC0913 Datasheet
140Kb / 8P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC0917 MOTOROLA-MRFIC0917 Datasheet
168Kb / 10P
   900 MHz GSM CELLULAR INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC4521BP TOSHIBA-TC4521BP Datasheet
256Kb / 6P
   TOSHIBA CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC (24-STAGE FREQUENCY DIVIDER)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com